Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9732240 Datasheet (PDF) - KNIPEX

9732240 Datasheet PDF - KNIPEX
Part # 9732240
Download  9732240 Download
File Size   310.6 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping Pliers

9732240 Datasheet (PDF)

Go To PDF Page Download Datasheet
9732240 Datasheet PDF - KNIPEX

Part # 9732240
Download  9732240 Click to download

File Size   310.6 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping Pliers

9732240 Datasheet (HTML) - KNIPEX


9732240 Product details

General
Article No. 97 32 240
EAN 4003773079491
Pliers black lacquered
Handles with multi-component grips
Weight 264 g
Dimensions 240 x 62 x 25 mm
Reach no
RohS no




Similar Part No. - 9732240

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9732 3M-9732 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Belden Inc.
9732 BELDEN-9732 Datasheet
167Kb / 2P
RS232/422 Low Cap, #24-9pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9732.060100 BELDEN-9732.060100 Datasheet
167Kb / 2P
RS232/422 Low Cap, #24-9pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9732.0601000 BELDEN-9732.0601000 Datasheet
167Kb / 2P
RS232/422 Low Cap, #24-9pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9732.060500 BELDEN-9732.060500 Datasheet
167Kb / 2P
RS232/422 Low Cap, #24-9pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
More results


Similar Description - 9732240

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
1212039 PHOENIX-1212039 Datasheet
54Kb / 3P
Crimping pliers - CRIMPFOX 25R
1212072 PHOENIX-1212072 Datasheet
98Kb / 6P
Crimping pliers - CRIMPFOX-M
1212318 PHOENIX-1212318 Datasheet
48Kb / 3P
Crimping pliers - CRIMPFOX-C120
1605668 PHOENIX-1605668 Datasheet
44Kb / 2P
Crimping pliers - SF-Z0008
1605672 PHOENIX-1605672 Datasheet
44Kb / 2P
Crimping pliers - SF-Z0009
1607458 PHOENIX-1607458 Datasheet
46Kb / 2P
Crimping pliers - SF-Z0029
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com