Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56824BU Datasheet (PDF) - NXP Semiconductors

DSP56824BU Datasheet PDF - NXP Semiconductors
Part # DSP56824BU
Download  DSP56824BU Download
File Size   1669.53 Kbytes
Page   62 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description DSP56824 16-Bit Digital Signal Processor

DSP56824BU Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56824BU Datasheet PDF - NXP Semiconductors

Part # DSP56824BU
Download  DSP56824BU Click to download

File Size   1669.53 Kbytes
Page   62 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description DSP56824 16-Bit Digital Signal Processor

DSP56824BU Datasheet (HTML) - NXP Semiconductors


DSP56824BU Product details

DSP56824 Features
Digital Signal Processing Core
• Efficient 16-bit DSP56800 family DSP engine
• As many as 35 Million Instructions Per Second (MIPS) at 70 MHz
• Single-cycle 16 × 16-bit parallel Multiplier-Accumulator (MAC)
• Two 36-bit accumulators including extension bits
• 16-bit bidirectional barrel shifter
• Parallel instruction set with unique DSP addressing modes
• Hardware DO and REP loops
• Three internal address buses and one external address bus
• Four internal data buses and one external data bus
• Instruction set supports both DSP and controller functions
• Controller style addressing modes and instructions for compact code
• Efficient C Compiler and local variable support
• Software subroutine and interrupt stack with unlimited depth
Memory
• On-chip Harvard architecture permits as many as three simultaneous accesses to program and data
memory
• On-chip memory
— 32 K × 16 Program ROM
— 128 × 16 Program RAM
— 3.5 K × 16 X RAM usable for both data and programs
— 2 K × 16 X data ROM
• Off-chip memory expansion capabilities
— As much as 64 K × 16 X data memory
— As much as 64 K × 16 program memory
— External memory expansion port programmable for 1 to 15 wait states
• Programs can run out of X data RAM
Peripheral Circuits
• External Memory Interface (Port A)
• Sixteen dedicated GPIO pins (eight pins programmable as interrupts)
• Serial Peripheral Interface (SPI) support: Two configurable four-pin ports (SPI0 and SPI1) (or eight
additional GPIO lines)
— Supports LCD drivers, A/D subsystems, and MCU systems
— Supports inter-processor communications in a multiple master system
— Supports demand-driven master or slave devices with high data rates
• Synchronous Serial Interface (SSI) support: One 6-pin port (or six additional GPIO lines)
— Supports serial devices with one or more industry-standard codecs, other DSPs,
microprocessors, and Freescale SPI-compliant peripherals
— Allows implementing synchronous or synchronous transmit and receive sections with separate
or shared internal/external clocks and frame syncs
— Supports Network mode using frame sync and as many as 32 time slots
— Can be configured for 8-bit, 10-bit, 12-bit, and 16-bit data word lengths
• Three programmable 16-bit timers (accessed using two I/O pins that can also be programmed as two
additional GPIO lines)
• Computer-Operating Properly (COP) and Real-Time Interrupt (RTI) timers
• Two external interrupt/mode control pins
• One external reset pin for hardware reset
• JTAG/On-Chip Emulation (OnCE™) 5-pin port for unobtrusive, processor speed-independent
debugging
• Extended debug capability with second breakpoint and 8-level OnCE FIFO history buffer
• Software-programmable, Phase Lock Loop-based (PLL-based) frequency synthesizer for the DSP
core clock
Energy Efficient Design
• A single 2.7–3.6 V power supply
• Power-saving Wait and multiple Stop modes available
• Fully static, HCMOS design for 70 MHz to dc operating frequencies
• Available in plastic 100-pin Thin Quad Flat Pack (TQFP) surface-mount package




Similar Part No. - DSP56824BU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56824BU70 FREESCALE-DSP56824BU70 Datasheet
3Mb / 62P
DSP56824 16-Bit Digital Signal Processor
More results


Similar Description - DSP56824BU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
DSP56F802 16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
16-bit Digital Signal Processor
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
DSP56824 16-Bit Digital Signal Processor
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
16-BIT DIGITAL SIGNAL PROCESSOR
DSP56824 FREESCALE-DSP56824 Datasheet
3Mb / 62P
DSP56824 16-Bit Digital Signal Processor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com