Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2108 Datasheet (PDF) - Analog Devices

ADG2108 Datasheet PDF - Analog Devices
Part # ADG2108
Download  ADG2108 Download
File Size   750.08 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies

ADG2108 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG2108 Datasheet PDF - Analog Devices

Part # ADG2108
Download  ADG2108 Click to download

File Size   750.08 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies

ADG2108 Datasheet (HTML) - Analog Devices


ADG2108 Product details

GENERAL DESCRIPTION
The ADG2108 is an analog cross point switch with an array size of 8 × 10. The switch array is arranged so that there are eight columns by 10 rows, for a total of 80 switch channels. The array is bidirectional, and the rows and columns can be configured as either inputs or outputs. Each of the 80 switches can be addressed and configured through the I2C compatible interface. Standard, full speed, and high speed (3.4 MHz) I2C interfaces are supported. Any simultaneous switch combination is allowed. An additional feature of the ADG2108 is that switches can be updated simultaneously, using the LDSW command. In addition, a RESET option allows all of the switch channels to be reset/off. At power on, all switches are in the off condition. The device is packaged in a 32-lead, 5 mm × 5 mm LFCSP_VQ.

FEATURES
  I2C-compatible interface
     3.4 MHz high speed I2C option
  32-lead LFCSP_VQ (5 mm × 5 mm)
  Double-buffered input logic
     Simultaneous update of multiple switches
  Up to 300 MHz bandwidth
  Fully specified at dual ±5 V/single +12 V operation
  On resistance 35 Ω maximum
  Low quiescent current < 20 μA
 
APPLICATIONS
  AV switching in TV
  Automotive infotainment
  AV receivers
  CCTV
  Ultrasound applications
  KVM switching
  Telecom applications
  Test equipment/instrumentation
  PBX systems




Similar Part No. - ADG2108

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG2108 AD-ADG2108_15 Datasheet
494Kb / 28P
Switch Array with Dual/Single Supplies
REV. B
More results


Similar Description - ADG2108

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
ISO-CMOS 8 x 16 Analog Switch Array
logo
Analog Devices
ADG2128 AD-ADG2128 Datasheet
759Kb / 28P
IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
5/06-Rev. 0 to Rev. A
ADG2188 AD-ADG2188 Datasheet
720Kb / 28P
IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
ADG2108 AD-ADG2108_15 Datasheet
494Kb / 28P
Switch Array with Dual/Single Supplies
REV. B
ADG2128 AD-ADG2128_15 Datasheet
510Kb / 28P
Switch Array With Dual/Single Supplies
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com