Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2188 Datasheet (PDF) - Analog Devices

ADG2188 Datasheet PDF - Analog Devices
Part # ADG2188
Download  ADG2188 Download
File Size   720.46 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies

ADG2188 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG2188 Datasheet PDF - Analog Devices

Part # ADG2188
Download  ADG2188 Click to download

File Size   720.46 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies

ADG2188 Datasheet (HTML) - Analog Devices


ADG2188 Product details

GENERAL DESCRIPTION
The ADG2188 is an analog cross point switch with an array size of 8 × 8. The switch array is arranged so that there are eight columns by eight rows, for a total of 64 switch channels. The array is bidirectional, and the rows and columns can be configured as either inputs or outputs. Each of the 64 switches can be addressed and configured through the I2C-compatible interface. Standard, full speed, and high speed (3.4 MHz) I2C interfaces are supported.

FEATURES
   I2C-compatible interface
      3.4 MHz high speed I2C option
   32-lead LFCSP_VQ (5 mm × 5 mm)
   Double-buffered input logic
      Simultaneous update of multiple switches
   Up to 300 MHz bandwidth
   Fully specified at dual ±5 V/single +12 V operation
   On resistance 35 Ω maximum
   Low quiescent current < 20 μA

APPLICATIONS
   AV switching in TV
   Automotive infotainment
   AV receivers
   CCTV
   Ultrasound applications
   KVM switching
   Telecom applications
   Test equipment/instrumentation
   PBX systems




Similar Part No. - ADG2188

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
ADG2108BCPZ-HS-RL7 AD-ADG2108BCPZ-HS-RL7 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
ADG2108BCPZ-R2 AD-ADG2108BCPZ-R2 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
ADG2108BCPZ-REEL7 AD-ADG2108BCPZ-REEL7 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
ADG2108YCPZ-HS-RL7 AD-ADG2108YCPZ-HS-RL7 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
More results


Similar Description - ADG2188

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT093 MITEL-MT093 Datasheet
51Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
ISO-CMOS 8 x 16 Analog Switch Array
logo
Analog Devices
ADG2108 AD-ADG2108 Datasheet
750Kb / 28P
I2C CMOS 8 횞 10 Unbuffered Analog Switch Array with Dual/Single Supplies
4/06-Revision 0
ADG2128 AD-ADG2128 Datasheet
759Kb / 28P
IC CMOS 8 횞 12 Unbuffered Analog Switch Array With Dual/Single Supplies
5/06-Rev. 0 to Rev. A
ADG2108 AD-ADG2108_15 Datasheet
494Kb / 28P
Switch Array with Dual/Single Supplies
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com