Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT031MD Datasheet (PDF) - Sharp Corporation

LT031MD Datasheet PDF - Sharp Corporation
Part # LT031MD
Download  LT031MD Download
File Size   85.5 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description HIGH POWER(MAXIMUM OPTICAL POWER OUTPUT:10MW) / SINGLE TRANSVERSE MODE

LT031MD Datasheet (PDF)

Go To PDF Page Download Datasheet
LT031MD Datasheet PDF - Sharp Corporation

Part # LT031MD
Download  LT031MD Click to download

File Size   85.5 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description HIGH POWER(MAXIMUM OPTICAL POWER OUTPUT:10MW) / SINGLE TRANSVERSE MODE

LT031MD Datasheet (HTML) - Sharp Corporation


LT031MD Product details

Features
• High power(maximum optical power output:10mW)
• Wavelength: 750nm
• Single transverse mode

Applications
• High speed laser printers
• Bar code readers
• Analysis instruments
• Information processing equipment




Similar Part No. - LT031MD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT0323-41-SB96 ETC-LT0323-41-SB96 Datasheet
329Kb / 2P
3.0MM ROUND LAMP
LT0323-41-URC1 ETC2-LT0323-41-URC1 Datasheet
89Kb / 2P
3.0MM ROUND LAMP
LT0333-41-UC9T ETC1-LT0333-41-UC9T Datasheet
315Kb / 2P
3.0MM ROUND LAMP
logo
AVX Corporation
LT033C475KAT2S AVX-LT033C475KAT2S Datasheet
43Kb / 1P
General Specifications
LT033D475KAT2S AVX-LT033D475KAT2S Datasheet
43Kb / 1P
General Specifications
More results


Similar Description - LT031MD

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC30-24S1P5W P-DUKE-FEC30-24S1P5W Datasheet
279Kb / 3P
30 WATTS MAXIMUM OUTPUT POWER
FEC40-24S3P3W P-DUKE-FEC40-24S3P3W Datasheet
272Kb / 3P
40 WATTS MAXIMUM OUTPUT POWER
HEC50-24S1P8 P-DUKE-HEC50-24S1P8 Datasheet
334Kb / 3P
50 WATTS MAXIMUM OUTPUT POWER
logo
ATMEL Corporation
AT42QT5320 ATMEL-AT42QT5320 Datasheet
115Kb / 8P
Patented charge-transfer (transverse mode)
AT42QT5480 ATMEL-AT42QT5480 Datasheet
235Kb / 10P
Patented charge-transfer (transverse mode)
logo
Roithner LaserTechnik G...
ADL-63302TL ROITHNER-ADL-63302TL Datasheet
344Kb / 3P
AlGaAlP laser diode Peak Wavelength 638nm Single Transverse/Longitudinal Mode Optical Ouput Power 30mW
LD-405-200 ROITHNER-LD-405-200 Datasheet
809Kb / 4P
Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode
LD-445-1000MG ROITHNER-LD-445-1000MG Datasheet
372Kb / 3P
Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
logo
List of Unclassifed Man...
TWS-F86L ETC2-TWS-F86L Datasheet
494Kb / 3P
HI POWER 10mW FM stereo transmitter
logo
Roithner LaserTechnik G...
LD-515-10MG ROITHNER-LD-515-10MG Datasheet
914Kb / 3P
Single Transverse Mode
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com