Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD-405-200 Datasheet (PDF) - Roithner LaserTechnik GmbH

LD-405-200 Datasheet PDF - Roithner LaserTechnik GmbH
Part # LD-405-200
Download  LD-405-200 Download
File Size   809.89 Kbytes
Page   4 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode

LD-405-200 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD-405-200 Datasheet PDF - Roithner LaserTechnik GmbH

Part # LD-405-200
Download  LD-405-200 Click to download

File Size   809.89 Kbytes
Page   4 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode

LD-405-200 Datasheet (HTML) - Roithner LaserTechnik GmbH




Similar Part No. - LD-405-200

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
LD-420 AXIOMTEK-LD-420 Datasheet
126Kb / 1P
42 Industrial Open Frame LCD Monitor
logo
Roithner LaserTechnik G...
LD-445-1000MG ROITHNER-LD-445-1000MG Datasheet
372Kb / 3P
Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
LD-445-5000G ROITHNER-LD-445-5000G Datasheet
326Kb / 2P
Blue Laser Diode
10/2023
LD-450-100SG ROITHNER-LD-450-100SG Datasheet
731Kb / 3P
Royal Blue Laser Diode 450 nm, 100mW sihgle Transverse Mode Structure: GaN
LD-450-1400MG ROITHNER-LD-450-1400MG Datasheet
814Kb / 4P
blue laser diode
More results


Similar Description - LD-405-200

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT031MD SHARP-LT031MD Datasheet
85Kb / 2P
HIGH POWER(MAXIMUM OPTICAL POWER OUTPUT:10MW) / SINGLE TRANSVERSE MODE
logo
Roithner LaserTechnik G...
ADL-63302TL ROITHNER-ADL-63302TL Datasheet
344Kb / 3P
AlGaAlP laser diode Peak Wavelength 638nm Single Transverse/Longitudinal Mode Optical Ouput Power 30mW
DL-4146-301S ROITHNER-DL-4146-301S Datasheet
141Kb / 2P
Shot wavelength: 405nm Low threshold current lth 26mA Package 5.6mm
LD-445-1000MG ROITHNER-LD-445-1000MG Datasheet
372Kb / 3P
Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
LD635-C220 ROITHNER-LD635-C220 Datasheet
156Kb / 2P
Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window
LD690-C350 ROITHNER-LD690-C350 Datasheet
156Kb / 2P
Lasing Mode Structure: multi mode Peck Wavelength : typ. 690nm Optical Ouput Power: 350 mW, CW Package: 9.0 mm, flat window
LD1430-C003 ROITHNER-LD1430-C003 Datasheet
332Kb / 4P
Lasing Mode Structure: single mode Peak Wavelength : typ. 1430 nm Optical Ouput Power: 3 mW, CW Package: 5.6 mm, flat window
LD1490-C010 ROITHNER-LD1490-C010 Datasheet
403Kb / 3P
Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window
LD1550-C500 ROITHNER-LD1550-C500 Datasheet
372Kb / 3P
Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request
LDM-0980-002W-35 ROITHNER-LDM-0980-002W-35 Datasheet
155Kb / 4P
Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com