Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V103A Datasheet (PDF) - Renesas Technology Corp

V103A Datasheet PDF - Renesas Technology Corp
Part # V103A
Download  V103A Download
File Size   391.41 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO

V103A Datasheet (PDF)

Go To PDF Page Download Datasheet
V103A Datasheet PDF - Renesas Technology Corp

Part # V103A
Download  V103A Click to download

File Size   391.41 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO

V103A Datasheet (HTML) - Renesas Technology Corp


V103A Product details

Features
• Pin compatible with THine THC63LVD103
• Wide pixel clock range: 8 - 135 MHz
• Guaranteed operation over -20 to +85° C ambient
temperature
• Supports a wide range of video and graphics modes
including VGA, SVGA, XGA, SXGA, SXGA+, NTSC,
PAL, SDTV, and HDTV up to 1080I or 720P
• Internal PLL requires no external loop filter
• Selectable rising or falling clock edge for data
alignment
• Compatible with Spread Spectrum clock source
• Reduced LVDS output voltage swing mode
(selectable) to minimize EMI
• CMOS/TTL data inputs can be configured for
reduced input voltage swing
• Single 3.3 V supply
• Low power consumption CMOS design
• Power down mode
• 64-pin TQFP lead free package




Similar Part No. - V103A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V103A ICST-V103A Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103AYLF ICST-V103AYLF Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103AYLFT ICST-V103AYLFT Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
More results


Similar Description - V103A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V385 ICST-V385 Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
V104 ICST-V104 Datasheet
205Kb / 11P
10 BIT LVDS RECEIVER FOR VIDEO
Revision 1.6
V386 ICST-V386 Datasheet
243Kb / 10P
8-BIT LVDS RECEIVER FOR VIDEO
Revision 2.0
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
Revision 2.0
V103A ICST-V103A Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Faraday Technology
PI-005 FARADAY-PI-005 Datasheet
50Kb / 3P
10 BIT VIDEO TO FIBRE OPTIC TRANSMITTER
logo
Integrated Device Techn...
IDTV105ADAG IDT-IDTV105ADAG Datasheet
324Kb / 19P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
logo
Renesas Technology Corp
IDTV105A RENESAS-IDTV105A Datasheet
498Kb / 20P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
2019
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com