Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V103A Datasheet (PDF) - Integrated Circuit Systems

V103A Datasheet PDF - Integrated Circuit Systems
Part # V103A
Download  V103A Download
File Size   148.22 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO

V103A Datasheet (PDF)

Go To PDF Page Download Datasheet
V103A Datasheet PDF - Integrated Circuit Systems

Part # V103A
Download  V103A Click to download

File Size   148.22 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO

V103A Datasheet (HTML) - Integrated Circuit Systems


V103A Product details

General Description
The V103A LVDS display interface transmitter is primarily designed to support pixel data transmission between a video processing engine and a digital video display. The data rate supports up to SXGA+ resolutions and can be used in Plasma, Rear Projector, Front Projector, CRT and LCD display applications. It can also be used in other high-bandwidth parallel data applications and provides a low EMI interconnect over a low cost, low bus width cable up to several meters in length.

Features
• Pin compatible with THine THC63LVD103
• Wide pixel clock range: 8 - 135 MHz
• Guaranteed operation over -20 to +85° C ambient temperature
• Supports a wide range of video and graphics modes including VGA, SVGA, XGA, SXGA, SXGA+, NTSC, PAL, SDTV, and HDTV up to 1080I or 720P
• Internal PLL requires no external loop filter
• Selectable rising or falling clock edge for data alignment
• Compatible with Spread Spectrum clock source
• Reduced LVDS output voltage swing mode (selectable) to minimize EMI
• CMOS/TTL data inputs can be configured for reduced input voltage swing
• Single 3.3 V supply
• Low power consumption CMOS design
• Power down mode
• 64-pin TQFP lead free package




Similar Part No. - V103A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
V103AYLF RENESAS-V103AYLF Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
V103AYLFT RENESAS-V103AYLFT Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
More results


Similar Description - V103A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V385 ICST-V385 Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
V104 ICST-V104 Datasheet
205Kb / 11P
10 BIT LVDS RECEIVER FOR VIDEO
Revision 1.6
V386 ICST-V386 Datasheet
243Kb / 10P
8-BIT LVDS RECEIVER FOR VIDEO
Revision 2.0
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
Revision 2.0
logo
Faraday Technology
PI-005 FARADAY-PI-005 Datasheet
50Kb / 3P
10 BIT VIDEO TO FIBRE OPTIC TRANSMITTER
logo
Integrated Device Techn...
IDTV105ADAG IDT-IDTV105ADAG Datasheet
324Kb / 19P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
logo
Renesas Technology Corp
IDTV105A RENESAS-IDTV105A Datasheet
498Kb / 20P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
2019
V103A RENESAS-V103A Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com