Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7002AA Datasheet (PDF) - Major-Power Technology Co., LTD.

MA7002AA Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA7002AA
Download  MA7002AA Download
File Size   175.87 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Ultra-sensitive Hall Effect Switch

MA7002AA Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7002AA Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA7002AA
Download  MA7002AA Click to download

File Size   175.87 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Ultra-sensitive Hall Effect Switch

MA7002AA Datasheet (HTML) - Major-Power Technology Co., LTD.


MA7002AA Product details

GENERAL DESCRIPTION
MA7002 is a three-terminal Hall effect sensor device with an output driver. The device is
using CMOS process includes an on-chip Hall voltage generator for magnetic sensing, a
comparator that amplifies the Hall voltage, and a Schmitt trigger to provide switching
hysteresis for noise rejection, and push-pull output, and an internal temperature
compensated circuits. This method reduces the offset voltage normally caused by device
over molding and thermal stress.
The output is switch with either north or South Pole of sufficient strength will turn the
output on (low). The output will be turned off (high) under no magnetic field. While the
magnetic flux density (B) is larger than operate point (Bop), the output will be turned on (low);
the output is latched until B is lower than release point (Brp) and then turned off (high).

FEATURES
- 1.65V to 5.5V Battery Operation
- Chopper Stabilized Technology
- Operation with North or South Pole
- High Sensitivity and High Stability of the Magnetic Switching Points
- Low Profile SOT23-3L , SIP-3L(TO-92S) and SIP-3B(TO-92S-B) Packages




Similar Part No. - MA7002AA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA700 PANASONIC-MA700 Datasheet
80Kb / 3P
Silicon epitaxial planar type
logo
Galaxy Semi-Conductor H...
MA700 BILIN-MA700 Datasheet
48Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
SEMTECH ELECTRONICS LTD...
MA700 SEMTECH_ELEC-MA700 Datasheet
127Kb / 1P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
EIC discrete Semiconduc...
MA700 EIC-MA700 Datasheet
102Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Shenzhen Luguang Electr...
MA700 LUGUANG-MA700 Datasheet
152Kb / 3P
Small Signal Schottky Diodes
More results


Similar Description - MA7002AA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
AH1885 DIODES-AH1885 Datasheet
97Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1885 Rev. 1
AH1883 DIODES-AH1883_11 Datasheet
228Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Rev 6
logo
Advanced Power Electron...
APE9105 A-POWER-APE9105 Datasheet
115Kb / 6P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
logo
Major-Power Technology ...
MA7005 MPOWER-MA7005 Datasheet
125Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
MA7007 MPOWER-MA7007 Datasheet
128Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.0.3
MA7001E MPOWER-MA7001E Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.1
MA7003 MPOWER-MA7003 Datasheet
119Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.5
MA7004 MPOWER-MA7004 Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.3
MA7006 MPOWER-MA7006 Datasheet
125Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.0.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com