Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7002AA Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7002AA
Description  Ultra-sensitive Hall Effect Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7002AA Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7002AA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7002AA Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/7
MA7002
Major Power Technology Co., Ltd.
Rev.1.2
2
nd, Jun., 2020
BLOCK DIAGRAM
Offset
Cancellation
Logic
VDD
+
-
Hall
Plate
N-MOS
P-MOS
OUT
GND
ORDER / MARKING INFORMATION
Order Information
Top Marking (SOT23-3L)
Package Type
MA7002
Packing
A : Taping
X X
A: SOT23-3L
Blank: Bag
H
Week: 01~26(A~Z)
27~52(a~z)
Year : 7 = 2017
ID Code: Internal
E Y W X
Top Marking (SIP-3L / SIP-3B)
Package Type
MA7002
Packing
X X
Blank: Bag
P3: SIP-3L (TO-92S)
P3B: SIP-3B (TO-92S-B)
YYWWX
7002
Part number
ID code:internal
WW:01~52
Year:17=2017
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VDD Pin Voltage
VDD
- 0.3 to 7V
V
Output Pin Voltage
VOUT
- 0.3 to 7V
V
Output Current
IOUT
10
mA
Storage Temperature Range
TST
-65 to +150
°C
Junction Temperature
TJ
+150
°C
Operating Temperature Range
TOP
-40 to +125
°C
Thermal Resistance from Junction to Case (SIP3 / SOT23)
θJC
49 / 410
°C/W
Thermal Resistance from Junction to Ambient (SIP3 / SOT23)
θJA
227 / 543 °C/W
Power Dissipation[PD=( TJ-TA ) / θJA ] (SIP3 / SOT23)
PD
550 / 230
mW
Note : θJA is measured with the PCB copper area of approximately 0.5 in2(Multi-layer).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com