Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRC5074 Datasheet (PDF) - Renesas Technology Corp

VRC5074 Datasheet PDF - Renesas Technology Corp
Part # VRC5074
Download  VRC5074 Download
File Size   3566.16 Kbytes
Page   224 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VRC5074 System Controller

VRC5074 Datasheet (PDF)

Go To PDF Page Download Datasheet
VRC5074 Datasheet PDF - Renesas Technology Corp

Part # VRC5074
Download  VRC5074 Click to download

File Size   3566.16 Kbytes
Page   224 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VRC5074 System Controller

VRC5074 Datasheet (HTML) - Renesas Technology Corp


VRC5074 Product details

Introduction
The VRC5074 System Controller is a software-configurable chip that directly connects
the VR5000 CPU to SDRAM memory, a PCI Bus, and a Local Bus, without external
logic or buffering. From the CPU’s viewpoint, the controller acts as a memory controller,
DMA controller, PCI-Bus host bridge, and Local-Bus host bridge. From the viewpoint
of PCI agents, the controller acts as master and target on the PCI Bus. The
controller also has one serial port and four timers.
‰ CPU Interface
• Connects directly to a 250 MHz VR5000 CPU.
• 100 MHz CPU bus.
• Peak block-transfer throughput of 800 Mbytes/sec, maximum sustained
throughput of 640 Mbytes/sec.
• 16 x 8-byte (128-byte) CPU-to-controller FIFO.
• Little-endian or big-endian byte order on CPU interface.
• Supports secondary cache.
• 15 interrupt sources, individually enabled and assigned to one of the CPU’s
seven interrupt inputs.
• Supports all CPU bus-cycle types (but the only write type is pipelined write).
Parity generation and checking on CPU data cycles.
• Mode data at reset provided by a serial EEPROM or by the controller.
• 3.3V I/O.
‰ Memory Interface
• 100 MHz memory bus.
• Maximum sustained throughput of 800 Mbytes/sec.
• Supports three physical loads per data bit: two SDRAM physical banks and
one other (e.g., EPROM, Flash, or buffers bridging to a secondary memory
bus).
• Supports four types of SDRAM with two to four on-chip virtual banks: 256Mb
four-bank, 64Mb four-bank, 64Mb two-bank, 16Mb two-bank.
• On-chip bank-interleaving buffers.
• Programmable address ranges for each memory bank.
• Memory may maintain multiple open SDRAM pages.
• Parity or ECC generation and checking of memory data cycles with 64+8 bits
of SDRAM and no performance degradation.




Similar Part No. - VRC5074

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VRC330K470MTF VISHAY-VRC330K470MTF Datasheet
98Kb / 4P
Molded, SOT-23 Resistor/Capacitor Network
01-Jul-08
VRC330K470MUF VISHAY-VRC330K470MUF Datasheet
98Kb / 4P
Molded, SOT-23 Resistor/Capacitor Network
01-Jul-08
logo
Renesas Technology Corp
VRC4375 RENESAS-VRC4375 Datasheet
1Mb / 156P
VRC4375 System Controller
October 1999
logo
Genie CCTV Ltd
VRCD-5351 GENIECCTV-VRCD-5351 Datasheet
79Kb / 2P
Super High Resolution Digital Day/Night Vandal Dome Camera
22/04/08
VRCD-5351/DV GENIECCTV-VRCD-5351/DV Datasheet
79Kb / 2P
Super High Resolution Digital Day/Night Vandal Dome Camera
22/04/08
More results


Similar Description - VRC5074

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
System Controller
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
Portable System Controller
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
System Bus Controller
logo
List of Unclassifed Man...
CY525 ETC1-CY525 Datasheet
1Mb / 107P
Stepper System Controller
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
SYSTEM CONTROLLER
logo
SMSC Corporation
83C795 SMSC-83C795 Datasheet
2Mb / 136P
Ethernet System Controller
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
System Controller
logo
PMC-Sierra, Inc
PM8172 PMC-PM8172 Datasheet
43Kb / 2P
PM8172 System Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
Portable System Controller
REV: 080805
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com