Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8191 Datasheet (PDF) - Analog Devices

AD8191 Datasheet PDF - Analog Devices
Part # AD8191
Download  AD8191 Download
File Size   975.26 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4:1 HDMI/DVI Switch with Equalization

AD8191 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8191 Datasheet PDF - Analog Devices

Part # AD8191
Download  AD8191 Click to download

File Size   975.26 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4:1 HDMI/DVI Switch with Equalization

AD8191 Datasheet (HTML) - Analog Devices


AD8191 Product details

GENERAL DESCRIPTION
The AD8191 is a HDMI/DVI switch featuring equalized TMDS inputs and pre-emphasized TMDS outputs, ideal for systems with long cable runs. Outputs can be set to a high impedance state to reduce the power dissipation and/or allow the construction of larger arrays using the wire-OR technique. Flexible channel bundling modes (for both the TMDS channels and the auxiliary signals) allow the AD8191 to be configured as a 4:1 single HDMI/DVI link switch, a dual 8:1 switch, or a single 16:1 switch.

FEATURES
Four inputs, one output HDMI™/DVI links
   Four TMDS channels per link
      Supports 250 Mbps to 1.65 Gbps data rates
      Supports 25 MHz to 165 MHz pixel clocks
      Equalized inputs for operation with long HDMI cables(20 meters at 1080p)
      Fully buffered unidirectional inputs/outputs
      Globally switchable, 50 Ω on-chip terminations
      Pre-emphasized outputs
      Low added jitter
      Single-supply operation (3.3 V)
   Four auxiliary channels per link
      Bidirectional unbuffered inputs/outputs
      Flexible supply operation (3.3 V to 5 V)
      HDCP standard compatible
      Allows switching of DDC bus and two additional signals
Multiple channel bundling modes
   1x (4:1) HDMI/DVI link switch (default)
   2x (8:1) TMDS channel and auxiliary signal switch
   1x (16:1) TMDS channel and auxiliary signal switch
Output disable feature
   Reduced power dissipation
   Removable output termination
   Allows building of larger arrays
Two AD8191s support HDMI/DVI dual-link
Standards compatible: HDMI receiver, DVI, HDCP
Serial (I2C® slave) and parallel control interface
100-lead, 14 mm × 14 mm LQFP, Pb-free package

APPLICATIONS
Multiple input displays
Projectors
A/V receivers
Set-top boxes
Advanced television (HDTV) sets




Similar Part No. - AD8191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8191 AD-AD8191 Datasheet
848Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A-EVALZ1 AD-AD8191A-EVALZ1 Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Similar Description - AD8191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8197 AD-AD8197 Datasheet
700Kb / 32P
4:1 HDMI/DVI Switch with Equalization
AD8196 AD-AD8196 Datasheet
533Kb / 24P
2:1 HDMI/DVI Switch with Equalization
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
3:1 HDMI/DVI Switch with Equalization
8/07-Revision 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
4:1 HDMI/DVI Switch with Equalization
1/08-Revision 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com