Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204 Datasheet (PDF) - Analog Devices

ADIS16204 Datasheet PDF - Analog Devices
Part # ADIS16204
Download  ADIS16204 Download
File Size   156.97 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Dual Axis Digital Accelerometer and Impact Sensor

ADIS16204 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16204 Datasheet PDF - Analog Devices

Part # ADIS16204
Download  ADIS16204 Click to download

File Size   156.97 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Dual Axis Digital Accelerometer and Impact Sensor

ADIS16204 Datasheet (HTML) - Analog Devices


ADIS16204 Product details

GENERAL DESCRIPTION
The ADIS16204 is a fully-contained programmable impact sensor in a single compact package enabled by the Analog Devices, Inc. iSensor™ integration. By enhancing the Analog Devices iMEMS® sensor technology with an embedded signal processing solution, the ADIS16204 provides tunable digital sensor data in a convenient format that can be accessed using a serial peripheral interface (SPI). The SPI provides access to measurements for dual-axis linear acceleration, a root sum square (RSS) of both axes, temperature, power supply, an auxiliary analog input, and an event capture buffer memory. Easy access to digital sensor data provides users with a system-ready device, reducing development time, cost, and program risk.

FEATURES
   Dual-axis sensing, ±70 g, ±37 g
      14-bit resolution
   Impact peak-level sample-and-hold
   RSS output
   Programmable event recorder
   400 Hz double-pole Bessel sensor response
   Digitally controlled sensitivity and bias
   Digitally controlled sample rate, up to 4096 SPS
   Programmable condition monitoring alarms
   Auxiliary digital I/O
   Digitally activated self-test
   Embedded temperature sensor
   Programmable power management
   SPI-compatible serial interface
   Auxiliary 12-bit ADC input and DAC output
   Single-supply operation: +3.0 V to +3.6 V
   4000 g powered shock survivability

APPLICATIONS
   Crash or impact detection
   Condition monitoring of valuable goods
   Safety, shut-off sensing
   Impact event recording
   Security sensing, tamper detection




Similar Part No. - ADIS16204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16204 AD-ADIS16204 Datasheet
554Kb / 24P
Programmable High-g Digital Impact Sensor and Recorder
6/07-Revision 0
ADIS16204 AD-ADIS16204 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16204/PCBZ AD-ADIS16204/PCBZ Datasheet
554Kb / 24P
Programmable High-g Digital Impact Sensor and Recorder
6/07-Revision 0
ADIS16204BCCZ AD-ADIS16204BCCZ Datasheet
554Kb / 24P
Programmable High-g Digital Impact Sensor and Recorder
6/07-Revision 0
ADIS16204PCBZ AD-ADIS16204PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results


Similar Description - ADIS16204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
Digital Dual Axis Micromachined Accelerometer
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
Dual Axis Accelerometer
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
logo
Freescale Semiconductor...
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
Digital Dual Axis Micromachined Accelerometer
logo
STMicroelectronics
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com