Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet (PDF) - STMicroelectronics

LSM303DLH Datasheet PDF - STMicroelectronics
Part # LSM303DLH
Download  LSM303DLH Download
File Size   591.25 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensor module: 3-axis accelerometer and 3-axis magnetometer

LSM303DLH Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM303DLH Datasheet PDF - STMicroelectronics

Part # LSM303DLH
Download  LSM303DLH Click to download

File Size   591.25 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensor module: 3-axis accelerometer and 3-axis magnetometer

LSM303DLH Datasheet (HTML) - STMicroelectronics


LSM303DLH Product details

Description
The LSM303DLH is a system-in-package featuring a 3D digital linear acceleration sensor and a 3D digital magnetic sensor. The various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces are realized using a CMOS technology that allows the design of a dedicated circuit which is trimmed to better match the sensing element characteristics. The LSM303DLH has a linear acceleration full-scale of ±2 g / ±4 g / ±8 g and a magnetic field full-scale of ±1.3 / ±1.9 / ±2.5 / ±4.0 / ±4.7 / ±5,6 / ±8.1 gauss, both fully selectable by the user. The LSM303DLH includes an I2C serial bus interface that supports standard mode (100 kHz) and fast mode (400 kHz). The internal self-test capability allows the user to check the functioning of the whole module in the final application. The system can be configured to generate an interrupt signal by inertial wakeup/free-fall events, as well as by the position of the device itself. Thresholds and timing of interrupt generators are programmable on the fly by the end user. Magnetic and accelerometer parts can be enabled or put in power-down mode separately. The LSM303DLH is available in a plastic land grid array (LGA) package, and is guaranteed to operate over an extended temperature range from -30 to +85 °C.

Features
■ Analog supply voltage: 2.5 V to 3.3 V
■ Digital supply voltage IOs: 1.8 V
■ Power-down mode
■ 3 magnetic field channels and 3 acceleration channels
■ ±1.3 to ±8,1 gauss magnetic field full-scale
■ ±2 g/±4 g/±8 g dynamically selectable full scale
■ 16-bit data out
■ I2C serial interface
■ 2 independent programmable interrupt generators for free-fall and motion detection
■ Embedded self-test
■ Accelerometer sleep-to-wakeup function
■ 6D orientation detection
■ ECOPACK® RoHS and “Green” compliant (see Section 10)

Applications
■ Compensated compassing
■ Map rotation
■ Position detection
■ Motion-activated functions
■ Free-fall detection
■ Intelligent power-saving for handheld devices
■ Display orientation
■ Gaming and virtual reality input devices
■ Impact recognition and logging
■ Vibration monitoring and compensation




Similar Part No. - LSM303DLH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
579Kb / 43P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHCTR STMICROELECTRONICS-LSM303DLHCTR Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
More results


Similar Description - LSM303DLH

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000 VTI-SCA3000 Datasheet
498Kb / 15P
3-axis accelerometer
CMA3000-A0X VTI-CMA3000-A0X Datasheet
437Kb / 17P
3-axis accelerometer
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
3-axis accelerometer
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
3-Axis, Digital Magnetometer
logo
STMicroelectronics
LSM303DLM STMICROELECTRONICS-LSM303DLM Datasheet
512Kb / 38P
Sensor module:3-axis accelerometer and 3-axis magnetometer
11-Apr-2011
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
logo
List of Unclassifed Man...
GY-61 ETC-GY-61 Datasheet
109Kb / 2P
ADXL335 3-Axis Accelerometer Module
logo
MEMSIC Semiconductor (T...
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
3-Axis Accelerometer
APS-045-0020 v2.1
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
3-Axis Accelerometer
APS-048-0072v1.2.1
MC3635 MEMSIC-MC3635 Datasheet
1Mb / 85P
3-Axis Accelerometer
APS-048-0044 v1.9
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com