Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLM Datasheet (PDF) - STMicroelectronics

LSM303DLM Datasheet PDF - STMicroelectronics
Part # LSM303DLM
Download  LSM303DLM Download
File Size   512.21 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensor module:3-axis accelerometer and 3-axis magnetometer

LSM303DLM Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM303DLM Datasheet PDF - STMicroelectronics

Part # LSM303DLM
Download  LSM303DLM Click to download

File Size   512.21 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensor module:3-axis accelerometer and 3-axis magnetometer

LSM303DLM Datasheet (HTML) - STMicroelectronics


LSM303DLM Product details

Description
The LSM303DLM is a system-in-package featuring a 3D digital linear acceleration sensor and a 3D digital magnetic sensor.
The various sensing elements are manufactured by using specialized micromachining processes, while the IC interfaces are realized using a CMOS technology that allows the design of a dedicated circuit which is trimmed to better match the sensing element characteristics. The LSM303DLM has a linear acceleration full-scale of ±2 g / ±4 g / ±8 g and a magnetic field full-scale of ±1.3 / ±1.9 / ±2.5 / ±4.0 / ±4.7 / ±5.6 / ±8.1 gauss, both fully selectable by the user.

Features
■ Analog supply voltage: 2.16 V to 3.6 V
■ Digital supply voltage IOs: 1.8 V
■ Power-down mode
■ 3 magnetic field channels and 3 acceleration channels
■ ±1.3 to ±8.1 gauss magnetic field full-scale
■ ±2 g/±4 g/±8 g dynamically selectable fullscale
■ High performance g-sensor
■ I2C serial interface
■ 2 independent programmable interrupt generators for free-fall and motion detection
■ Accelerometer sleep-to-wakeup function
■ 6D orientation detection
■ ECOPACK®, RoHS, and “Green” compliant

Applications
■ Compensated compass
■ Map rotation
■ Position detection
■ Motion-activated functions
■ Free-fall detection
■ Intelligent power-saving for handheld devices
■ Display orientation
■ Gaming and virtual reality input devices
■ Impact recognition and logging
■ Vibration monitoring and compensation




Similar Part No. - LSM303DLM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
579Kb / 43P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHCTR STMICROELECTRONICS-LSM303DLHCTR Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
More results


Similar Description - LSM303DLM

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000 VTI-SCA3000 Datasheet
498Kb / 15P
3-axis accelerometer
CMA3000-A0X VTI-CMA3000-A0X Datasheet
437Kb / 17P
3-axis accelerometer
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
3-axis accelerometer
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
3-Axis, Digital Magnetometer
logo
STMicroelectronics
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
logo
List of Unclassifed Man...
GY-61 ETC-GY-61 Datasheet
109Kb / 2P
ADXL335 3-Axis Accelerometer Module
logo
MEMSIC Semiconductor (T...
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
3-Axis Accelerometer
APS-045-0020 v2.1
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
3-Axis Accelerometer
APS-048-0072v1.2.1
MC3635 MEMSIC-MC3635 Datasheet
1Mb / 85P
3-Axis Accelerometer
APS-048-0044 v1.9
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com