Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLM Datasheet(PDF) 9 Page - STMicroelectronics

Part # LSM303DLM
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLM Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LSM303DLM Datasheet HTML 5Page - STMicroelectronics LSM303DLM Datasheet HTML 6Page - STMicroelectronics LSM303DLM Datasheet HTML 7Page - STMicroelectronics LSM303DLM Datasheet HTML 8Page - STMicroelectronics LSM303DLM Datasheet HTML 9Page - STMicroelectronics LSM303DLM Datasheet HTML 10Page - STMicroelectronics LSM303DLM Datasheet HTML 11Page - STMicroelectronics LSM303DLM Datasheet HTML 12Page - STMicroelectronics LSM303DLM Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LSM303DLM
Module specifications
Doc ID 018725 Rev 1
9/38
2
Module specifications
2.1
Sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(a).
a.
The product is factory calibrated at 2.5 V. The operational power supply range is from 2.16 V to 3.6 V.
Table 3.
Sensor characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration
measurement range(2)
FS bit set to 00
±2.0
g
FS bit set to 01
±4.0
FS bit set to 11
±8.0
M_FS
Magnetic measurement range
GN bits set to 001
±1.3
gauss
GN bits set to 010
±1.9
GN bits set to 011
±2.5
GN bits set to 100
±4.0
GN bits set to 101
±4.7
GN bits set to 110
±5.6
GN bits set to 111
±8.1
LA_So
Linear acceleration sensitivity
FS bit set to 00
12-bit representation
1
m
g/digit
FS bit set to 01
12-bit representation
2
FS bit set to 11
12-bit representation
3.9
M_GN
Magnetic gain setting
GN bits set to 001 (X,Y)
1100
LSB/
gauss
GN bits set to 001 (Z)
980
GN bits set to 010 (X,Y)
855
GN bits set to 010 (Z)
760
GN bits set to 011 (X,Y)
670
GN bits set to 011 (Z)
600
GN bits set to 100 (X,Y)
450
GN bits set to 100 (Z)
400
GN bits set to 101 (X,Y)
400
GN bits set to 101 (Z)
355
GN bits set to 110 (X,Y)
330
GN bits set to 110 (Z)
295
GN bits set to 111(2) (X,Y)
230
GN bits set to 111(2) (Z)
205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com