Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLM Datasheet(PDF) 22 Page - STMicroelectronics

Part # LSM303DLM
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLM Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LSM303DLM Datasheet HTML 18Page - STMicroelectronics LSM303DLM Datasheet HTML 19Page - STMicroelectronics LSM303DLM Datasheet HTML 20Page - STMicroelectronics LSM303DLM Datasheet HTML 21Page - STMicroelectronics LSM303DLM Datasheet HTML 22Page - STMicroelectronics LSM303DLM Datasheet HTML 23Page - STMicroelectronics LSM303DLM Datasheet HTML 24Page - STMicroelectronics LSM303DLM Datasheet HTML 25Page - STMicroelectronics LSM303DLM Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Register mapping
LSM303DLM
22/38
Doc ID 018725 Rev 1
Registers marked as “reserved” must not be changed. Writing to these registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibrated values. Their content is automatically restored when the device is powered
up.
OUT_X_H_M
Table 14
r
03
00000011
output
OUT_X_L_M
Table 14
r
04
00000100
output
OUT_Y_H_M
Table 14
r
07
00000101
output
OUT_Y_L_M
Table 14
r
08
00000110
output
OUT_Z_H_M
Table 14
r
05
00000111
output
OUT_Z_L_M
Table 14
r
06
00001000
output
SR_REG_Mg
Table 14
r
09
00001001
00000000
IRA_REG_M
Table 14
r
0A
00001010
01001000
IRB_REG_M
Table 14
r
0B
00001011
00110100
IRC_REG_M
Table 14
r
0C
00001100
00110011
Reserved (do not modify)
Table 14
--
0D - 0E
--
--
Reserved
WHO_AM_I_M
Table 14
r
0F
00001111
00111100
Who am I ID
Reserved (do not modify)
Table 14
--
10 - 3A
--
--
Reserved
Table 15.
Register address map (continued)
Name
Slave
address
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com