Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLM Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM303DLM
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLM Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM303DLM Datasheet HTML 30Page - STMicroelectronics LSM303DLM Datasheet HTML 31Page - STMicroelectronics LSM303DLM Datasheet HTML 32Page - STMicroelectronics LSM303DLM Datasheet HTML 33Page - STMicroelectronics LSM303DLM Datasheet HTML 34Page - STMicroelectronics LSM303DLM Datasheet HTML 35Page - STMicroelectronics LSM303DLM Datasheet HTML 36Page - STMicroelectronics LSM303DLM Datasheet HTML 37Page - STMicroelectronics LSM303DLM Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
LSM303DLM
Register description
Doc ID 018725 Rev 1
35/38
9.2.7
SR_REG_M (09h)
9.2.8
IR_REG_M (0Ah/0Bh/0Ch)
9.2.9
WHO_AM_I _M (0F)
Table 62.
SR register
--
--
--
--
--
--
LOCK
DRDY
Table 63.
SR register description
LOCK
Data output register lock. Once a new set of measurements is available, this bit
is set when the first magnetic field data register has been read.
DRDY
Data ready bit. This bit is when a new set of measurements is available.
Table 64.
IRA_REG_M
0
100
10
00
Table 65.
IRB_REG_M
0
011
01
00
Table 66.
IRC_REG_M
0
011
00
11
Table 67.
WHO_AM_I_M
0
011
11
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com