Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLM Datasheet(PDF) 19 Page - STMicroelectronics

Part # LSM303DLM
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLM Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LSM303DLM Datasheet HTML 15Page - STMicroelectronics LSM303DLM Datasheet HTML 16Page - STMicroelectronics LSM303DLM Datasheet HTML 17Page - STMicroelectronics LSM303DLM Datasheet HTML 18Page - STMicroelectronics LSM303DLM Datasheet HTML 19Page - STMicroelectronics LSM303DLM Datasheet HTML 20Page - STMicroelectronics LSM303DLM Datasheet HTML 21Page - STMicroelectronics LSM303DLM Datasheet HTML 22Page - STMicroelectronics LSM303DLM Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LSM303DLM
Digital interfaces
Doc ID 018725 Rev 1
19/38
7.1.2
Linear acceleration digital interface
For linear acceleration, the default (factory) 7-bit slave address is 001100xb. The SDO/SA0
pad can be used to modify the least significant bit of the device address. If the SA0 pad is
connected to voltage supply, the LSB is ‘1’ (address 0011001b) otherwise, if the SA0 pad is
connected to ground, the LSB value is ‘0’ (address 0011000b). This solution permits
connecting and addressing two different accelerometers to the same I2C lines.
The slave address is completed with a read/write bit. If the bit is ‘1’ (read), a repeated
START (SR) condition must be issued after the two sub-address bytes; if the bit is ‘0’ (write),
the master transmits to the slave with the direction unchanged.
Table 12 explains how the
SAD+read/write bit pattern is composed, listing all the possible configurations.
In order to read multiple bytes, it is necessary to assert the most significant bit of the sub-
address field. In other words, SUB(7) must be equal to 1 while SUB(6-0) represents the
address of the first register to be read.
In the presented communication format, MAK is master acknowledge and NMAK is no
master acknowledge.
7.1.3
Magnetic field digital interface
For magnetic sensors the default (factory) 7-bit slave address is 0011110xb.
The slave address is completed with a read/write bit. If the bit is ‘1’ (read), a repeated
START (SR) condition must be issued after the two sub-address bytes; if the bit is ‘0’ (write),
the master transmits to the slave with the direction unchanged.
Table 14 explains how the
SAD is composed.
Table 12.
SAD and read/write patterns
Command
SAD[6:1]
SAD[0] = SA0
R/W
SAD+R/W
Read
001100
0
1
00110001 (31h)
Write
001100
0
0
00110000 (30h)
Read
001100
1
1
00110011 (33h)
Write
001100
1
0
00110010 (32h)
Table 13.
Transfer when master is receiving (reading) multiple bytes of data from slave
Master
ST SAD+W
SUB
SR SAD+R
MAK
MAK
NMAK SP
Slave
SAK
SAK
SAK DATA
DATA
DATA
Table 14.
SAD and read/write patterns
Command
SAD[6:0]
R/W
SAD+R/W
Read
0011110
1
00111101 (3Dh)
Write
0011110
0
00111100 (3Ch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com