Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLM Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM303DLM
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLM Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM303DLM Datasheet HTML 30Page - STMicroelectronics LSM303DLM Datasheet HTML 31Page - STMicroelectronics LSM303DLM Datasheet HTML 32Page - STMicroelectronics LSM303DLM Datasheet HTML 33Page - STMicroelectronics LSM303DLM Datasheet HTML 34Page - STMicroelectronics LSM303DLM Datasheet HTML 35Page - STMicroelectronics LSM303DLM Datasheet HTML 36Page - STMicroelectronics LSM303DLM Datasheet HTML 37Page - STMicroelectronics LSM303DLM Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Register description
LSM303DLM
34/38
Doc ID 018725 Rev 1
9.2.3
MR_REG_M (02h)
9.2.4
OUT_X_H_M (03), OUT_X_LH_M (04h)
X-axis magnetic field data. The value is expressed as 2’s complement.
9.2.5
OUT_Z_H_M (05), OUT_Z_L_M (06h)
Z-axis magnetic field data. The value is expressed as 2’s complement.
9.2.6
OUT_Y_H_M (07), OUT_Y_L_M (08h)
Y-axis magnetic field data. The value is expressed as 2’s complement.
Table 58.
Gain setting
GN2
GN1
GN0
Sensor input
field range
[Gauss]
Gain X/Y and
Z
[LSB/Gauss]
Gain Z
[LSB/Gauss]
Output range
0
0
1
±1.3
1100
980
0xF800–0x07FF
(-2048–2047)
010
±1.9
855
760
011
±2.5
670
600
100
±4.0
450
400
101
±4.7
400
355
110
±5.6
330
295
111
±8.1
230
205
Table 59.
MR_REG
0(1)
1.
This bit must be set to ‘0’ for correct working of the device
0(1)
0(1)
0(1)
0(1)
0(1)
MD1
MD0
Table 60.
MR_REG description
MD1-0
Mode select bits. These bits select the operation mode of this device (refer to
Table 61)
Table 61.
Magnetic sensor operating mode
MD1
MD0
Mode
0
0
Continuous-conversion mode
0
1
Single-conversion mode
1
0
Sleep-mode. Device is placed in sleep-mode
1
1
Sleep-mode. Device is placed in sleep-mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com