Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLM Datasheet(PDF) 23 Page - STMicroelectronics

Part # LSM303DLM
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLM Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LSM303DLM Datasheet HTML 19Page - STMicroelectronics LSM303DLM Datasheet HTML 20Page - STMicroelectronics LSM303DLM Datasheet HTML 21Page - STMicroelectronics LSM303DLM Datasheet HTML 22Page - STMicroelectronics LSM303DLM Datasheet HTML 23Page - STMicroelectronics LSM303DLM Datasheet HTML 24Page - STMicroelectronics LSM303DLM Datasheet HTML 25Page - STMicroelectronics LSM303DLM Datasheet HTML 26Page - STMicroelectronics LSM303DLM Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LSM303DLM
Register description
Doc ID 018725 Rev 1
23/38
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
acceleration data. The register address, made up of 7 bits, is used to identify them and to
write the data through the serial interface.
9.1
Linear acceleration register description
9.1.1
CTRL_REG1_A (20h)
PM bits allow selection between power-down and two operating active modes. The device is
in power-down mode when the PD bits are set to “000” (default value after boot). Table 18
shows all the possible power mode configurations and respective output data rates. Output
data in the low-power modes are computed with a low-pass filter cut-off frequency defined
by DR1 and DR0 bits.
DR bits, in normal-mode operation, select the data rate at which acceleration samples are
produced. In low-power mode they define the output data resolution. Table 19 shows all the
possible configurations for the DR1 and DR0 bits.
Table 16.
CTRL_REG1_A register
PM2
PM1
PM0
DR1
DR0
Zen
Yen
Xen
Table 17.
CTRL_REG1_A description
PM2 - PM0
Power mode selection. Default value: 000
(000: power-down; others: refer to
Table 18)
DR1, DR0
Data rate selection. Default value: 00
(00:50 Hz; others: refer to
Table 19)
Zen
Z axis enable. Default value: 1
(0: Z axis disabled; 1: Z axis enabled)
Yen
Y axis enable. Default value: 1
(0: Y axis disabled; 1: Y axis enabled)
Xen
X axis enable. Default value: 1
(0: X axis disabled; 1: X axis enabled)
Table 18.
Power mode and low-power output data rate configurations
PM2
PM1
PM0
Power mode selection
Output data rate [Hz]
ODRLP
0
0
0
Power-down
--
0
0
1
Normal mode
ODR
0
1
0
Low-power
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com