Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLM Datasheet(PDF) 21 Page - STMicroelectronics

Part # LSM303DLM
Description  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLM Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LSM303DLM Datasheet HTML 17Page - STMicroelectronics LSM303DLM Datasheet HTML 18Page - STMicroelectronics LSM303DLM Datasheet HTML 19Page - STMicroelectronics LSM303DLM Datasheet HTML 20Page - STMicroelectronics LSM303DLM Datasheet HTML 21Page - STMicroelectronics LSM303DLM Datasheet HTML 22Page - STMicroelectronics LSM303DLM Datasheet HTML 23Page - STMicroelectronics LSM303DLM Datasheet HTML 24Page - STMicroelectronics LSM303DLM Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LSM303DLM
Register mapping
Doc ID 018725 Rev 1
21/38
8
Register mapping
Table 15 provides a listing of the 8-bit registers embedded in the device and the related
addresses:
Table 15.
Register address map
Name
Slave
address
Type
Register address
Default
Comment
Hex
Binary
Reserved (do not modify)
Table 12
--
00 - 1F
--
--
Reserved
CTRL_REG1_A
Table 12
rw
20
010 0000
00000111
CTRL_REG2_A
Table 12
rw
21
010 0001
00000000
CTRL_REG3_A
Table 12
rw
22
010 0010
00000000
CTRL_REG4_A
Table 12
rw
23
010 0011
00000000
CTRL_REG5_A
Table 12
rw
24
010 0100
00000000
HP_FILTER_RESET_A
Table 12
r
25
010 0101
--
Dummy register
REFERENCE_A
Table 12
rw
26
010 0110
00000000
STATUS_REG_A
Table 12
r
27
010 0111
00000000
OUT_X_L_A
Table 12
r
28
010 1000
output
OUT_X_H_A
Table 12
r
29
010 1001
output
OUT_Y_L_A
Table 12
r
2A
010 1010
output
OUT_Y_H_A
Table 12
r
2B
010 1011
output
OUT_Z_L_A
Table 12
r
2C
010 1100
output
OUT_Z_H_A
Table 12
r
2D
010 1101
output
Reserved (do not modify)
Table 12
--
2E - 2F
--
--
Reserved
INT1_CFG_A
Table 12
rw
30
011 0000
00000000
INT1_SOURCE_A
Table 12
r
31
011 0001
00000000
INT1_THS_A
Table 12
rw
32
011 0010
00000000
INT1_DURATION_A
Table 12
rw
33
011 0011
00000000
INT2_CFG_A
Table 12
rw
34
011 0100
00000000
INT2_SOURCE_A
Table 12
r
35
011 0101
00000000
INT2_THS_A
Table 12
rw
36
011 0110
00000000
INT2_DURATION_A
Table 12
rw
37
011 0111
00000000
Reserved (do not modify)
Table 12
--
38 - 3F
--
--
Reserved
CRA_REG_M
Table 14
rw
00
00000000
00010000
CRB_REG_M
Table 14
rw
01
00000001
00100000
MR_REG_M
Table 14
rw
02
00000010
00000011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com