Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 1 Page - STMicroelectronics

  LSM303DLH Datasheet HTML 1Page - STMicroelectronics LSM303DLH Datasheet HTML 2Page - STMicroelectronics LSM303DLH Datasheet HTML 3Page - STMicroelectronics LSM303DLH Datasheet HTML 4Page - STMicroelectronics LSM303DLH Datasheet HTML 5Page - STMicroelectronics LSM303DLH Datasheet HTML 6Page - STMicroelectronics LSM303DLH Datasheet HTML 7Page - STMicroelectronics LSM303DLH Datasheet HTML 8Page - STMicroelectronics LSM303DLH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
December 2009
Doc ID 16941 Rev 1
1/47
47
LSM303DLH
Sensor module:
3-axis accelerometer and 3-axis magnetometer
Features
Analog supply voltage: 2.5 V to 3.3 V
Digital supply voltage IOs: 1.8 V
Power-down mode
3 magnetic field channels and 3 acceleration
channels
±1.3 to ±8,1 gauss magnetic field full-scale
±2 g/±4 g/±8 g dynamically selectable full-
scale
16-bit data out
I2C serial interface
2 independent programmable interrupt
generators for free-fall and motion detection
Embedded self-test
Accelerometer sleep-to-wakeup function
6D orientation detection
ECOPACK® RoHS and “Green” compliant
(see
Section 10)
Applications
Compensated compassing
Map rotation
Position detection
Motion-activated functions
Free-fall detection
Intelligent power-saving for handheld devices
Display orientation
Gaming and virtual reality input devices
Impact recognition and logging
Vibration monitoring and compensation
Description
The LSM303DLH is a system-in-package
featuring a 3D digital linear acceleration sensor
and a 3D digital magnetic sensor. The various
sensing elements are manufactured using
specialized micromachining processes, while the
IC interfaces are realized using a CMOS
technology that allows the design of a dedicated
circuit which is trimmed to better match the
sensing element characteristics. The
LSM303DLH has a linear acceleration full-scale
of ±2
g / ±4 g / ±8 g and a magnetic field full-scale
of ±1.3 / ±1.9 / ±2.5 / ±4.0 / ±4.7 / ±5,6 / ±8.1
gauss
, both fully selectable by the user. The
LSM303DLH includes an I2C serial bus interface
that supports standard mode (100 kHz) and fast
mode (400 kHz). The internal self-test capability
allows the user to check the functioning of the
whole module in the final application. The system
can be configured to generate an interrupt signal
by inertial wakeup/free-fall events, as well as by
the position of the device itself. Thresholds and
timing of interrupt generators are programmable
on the fly by the end user. Magnetic and
accelerometer parts can be enabled or put in
power-down mode separately. The LSM303DLH
is available in a plastic land grid array (LGA)
package, and is guaranteed to operate over an
extended temperature range from -30 to +85 °C.
Table 1.
Device summary
Part number
Temp.
range [°C]
Package
Packing
LSM303DLH
-30 to +85
LGA-28
Tray
LSM303DLHTR
Tape and
reel
LGA-28L (5x5x1.0 mm)
www.st.com


Similar Part No. - LSM303DLH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
579Kb / 43P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHCTR STMICROELECTRONICS-LSM303DLHCTR Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
More results

Similar Description - LSM303DLH

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000 VTI-SCA3000 Datasheet
498Kb / 15P
3-axis accelerometer
CMA3000-A0X VTI-CMA3000-A0X Datasheet
437Kb / 17P
3-axis accelerometer
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
3-axis accelerometer
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
3-Axis, Digital Magnetometer
logo
STMicroelectronics
LSM303DLM STMICROELECTRONICS-LSM303DLM Datasheet
512Kb / 38P
Sensor module:3-axis accelerometer and 3-axis magnetometer
11-Apr-2011
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
logo
List of Unclassifed Man...
GY-61 ETC-GY-61 Datasheet
109Kb / 2P
ADXL335 3-Axis Accelerometer Module
logo
MEMSIC Semiconductor (T...
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
3-Axis Accelerometer
APS-045-0020 v2.1
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
3-Axis Accelerometer
APS-048-0072v1.2.1
MC3635 MEMSIC-MC3635 Datasheet
1Mb / 85P
3-Axis Accelerometer
APS-048-0044 v1.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com