Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet(PDF) 19 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LSM303DLH Datasheet HTML 15Page - STMicroelectronics LSM303DLH Datasheet HTML 16Page - STMicroelectronics LSM303DLH Datasheet HTML 17Page - STMicroelectronics LSM303DLH Datasheet HTML 18Page - STMicroelectronics LSM303DLH Datasheet HTML 19Page - STMicroelectronics LSM303DLH Datasheet HTML 20Page - STMicroelectronics LSM303DLH Datasheet HTML 21Page - STMicroelectronics LSM303DLH Datasheet HTML 22Page - STMicroelectronics LSM303DLH Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
LSM303DLH
Functionality
Doc ID 16941 Rev 1
19/47
By placing the mode register into single-conversion mode (0x01), two data acquisition
cycles are made on each magnetic vector.
The first acquisition is a set pulse followed shortly by measurement data of the external field.
The second acquisition has the offset strap excited in the positive bias mode to create about
a 0.6
gauss self-test field plus the external field. The first acquisition values are subtracted
from the second acquisition, and the net measurement is placed into the data output
registers.
To leave self-test mode, change the MS1 and MS0 bits of the configuration register A back
to 0x00. Also, change the mode register if single-conversion mode is not the intended next
mode of operation.
Table 7.
Magnetic ST (positive bias)
Symbol
GN bits setting
Test axis
Min.
Typ.(1)
1.
Typical specifications are not guaranteed
Max.
Unit
ST_M
GN bits set to 001
X,Y axis
655
LSB
Z axis
630
GN bits set to 010
X,Y axis
495
Z axis
470
GN bits set to 011
X,Y axis
395
Z axis
375
GN bits set to 100
X,Y axis
270
Z axis
255
GN bits set to 101
X,Y axis
235
Z axis
225
GN bits set to 110
X,Y axis
200
Z axis
190
GN bits set to 111(2)
X,Y axis
140
Z axis
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com