Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet(PDF) 40 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LSM303DLH Datasheet HTML 36Page - STMicroelectronics LSM303DLH Datasheet HTML 37Page - STMicroelectronics LSM303DLH Datasheet HTML 38Page - STMicroelectronics LSM303DLH Datasheet HTML 39Page - STMicroelectronics LSM303DLH Datasheet HTML 40Page - STMicroelectronics LSM303DLH Datasheet HTML 41Page - STMicroelectronics LSM303DLH Datasheet HTML 42Page - STMicroelectronics LSM303DLH Datasheet HTML 43Page - STMicroelectronics LSM303DLH Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Registers description
LSM303DLH
40/47
Doc ID 16941 Rev 1
9.2.2
CRB_REG_M (01h)
The configuration register B for setting the device gain. CRB0 through CRB7 indicate bit
locations, with
CRB denoting the bits that are in the configuration register. CRB7 denotes
the first bit of the data stream. The number in parentheses indicates the default value of that
bit.
9.2.3
MR_REG_M (02h)
The mode register is an 8-bit register from which data can be read or to which data can be
written. This register is used to select the operating mode of the device. MR0 through MR7
indicate bit locations, with
MR denoting the bits that are in the mode register. MR7 denotes
Table 59.
CRA_REG_M description
MS1
MS0
Magnetic sensor operating mode
00
Normal measurement configuration (default). In normal measurement
configuration the device follows normal measurement flow.
0
1
Positive bias configuration.
1
0
Negative bias configuration.
1
1
This configuration is not used
Table 60.
CRA_REG register
GN2
GN1
GN0
0
0
0
0
0
Table 61.
CRA_REG description
CRB7 to CRB5
Gain configuration bits. These bits configure the gain for the device. The gain
configuration is common for all channels
CRB7 to CRB5 This bit must be cleared for correct operation
Table 62.
Gain setting
GN2
GN1
GN0
Sensor input
field range
[Gauss]
Gain X/Y and
Z
[LSB/Gauss]
Gain Z
[LSB/Gauss]
Output range
001
±1.3
1055
950
0xF800–0x07FF
(-2048–2047)
0
1
0
±1.9
795
710
0
1
1
±2.5
635
570
1
0
0
±4.0
430
385
1
0
1
±4.7
375
335
1
1
0
±5.6
320
285
1
1
1
±8.1
230
205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com