Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet(PDF) 41 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LSM303DLH Datasheet HTML 37Page - STMicroelectronics LSM303DLH Datasheet HTML 38Page - STMicroelectronics LSM303DLH Datasheet HTML 39Page - STMicroelectronics LSM303DLH Datasheet HTML 40Page - STMicroelectronics LSM303DLH Datasheet HTML 41Page - STMicroelectronics LSM303DLH Datasheet HTML 42Page - STMicroelectronics LSM303DLH Datasheet HTML 43Page - STMicroelectronics LSM303DLH Datasheet HTML 44Page - STMicroelectronics LSM303DLH Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
LSM303DLH
Registers description
Doc ID 16941 Rev 1
41/47
the first bit of the data stream. The number in parentheses indicates the default value of that
bit.
9.2.4
OUT_X_M (03-04h)
The data output X registers are two 8-bit registers, data output register H and data output
register L. These registers store the measurement result from channel X.
Data output X register H contains the MSB from the measurement result, and data output X
register L contains the LSB from the measurement result.
The value stored in these two registers is a 16-bit value in 2’s complement form, whose
range is 0xF800 to 0x07FF. DXRH0 through DXRH7 and DXRL0 through DXRL7 indicate bit
locations, with DXRH and DXRL denoting the bits that are in the data output X registers.
DXRH7 and DXRL7 denote the first bit of the data stream.
In the event the ADC reading overflows or underflows for the given channel, or if there is a
math overflow during the bias measurement, this data register will contain the value -4096 in
2’s complement form. This register value clears after the next valid measurement is made.
The content of this register is the MSB magnetic field data for X-axis.
Table 63.
MR_REG
0
000
00
MD1
MD0
Table 64.
MR_REG description
MR7 to MR2
These bits must be cleared for correct operation
MR1 to MR0
Mode select bits. These bits select the operation mode of this device.
Table 65.
Magnetic sensor operating mode
MD1
MD0
Mode
00
Continuous-conversion mode: the device continuously performs conversions
and places the result in the data register. RDY goes high when new data is
placed in all three registers. After a power-on or a write to the mode or
configuration register, the first measurement set is available from all three data
output registers after a period of 2/fDO, and subsequent measurements are
available at a frequency of fDO, where fDO is the frequency of data output.
01
Single-conversion mode: the device performs a single measurement, sets RDY
high and returns to sleep mode. Mode register returns to sleep mode bit values.
The measurement remains in the data output register and RDY remains high
until the data output register is read or another conversion is performed.
10
--
1
1
Sleep mode. Device is placed in sleep mode
Table 66.
OUTXH_M register
DXRH7
DXRH6
DXRH5
DXRH4
DXRH3
DXRH2
DXRH1
DXRH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com