Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16251 Datasheet (PDF) - Analog Devices

ADIS16251 Datasheet PDF - Analog Devices
Part # ADIS16251
Download  ADIS16251 Download
File Size   252.39 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Low Power Gyroscope

ADIS16251 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16251 Datasheet PDF - Analog Devices

Part # ADIS16251
Download  ADIS16251 Click to download

File Size   252.39 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Low Power Gyroscope

ADIS16251 Datasheet (HTML) - Analog Devices


ADIS16251 Product details

GENERAL DESCRIPTION
The ADIS16251 is a complete angular rate, measurement system, available in a single compact package enabled by Analog Devices, Inc. iSensor™ integration. By enhancing Analog Devices iMEMS® sensor technology with an embedded signal processing solution, the ADIS16251 provides factory-calibrated and tunable digital sensor data in a convenient format that can be accessed using a simple SPI serial interface. The SPI interface provides access to measurements for the gyroscope, temperature, power supply, and one auxiliary analog input. Easy access to calibrated digital sensor data provides developers with a system-ready device, reducing development time, cost, and program risk.

FEATURES
   Yaw rate gyroscope with digital range scaling
      ±20°/sec, ±40°/sec, and ±80°/sec settings
   14-bit digital gyroscope sensor outputs
   12-bit digital temperature sensor output
   Calibrated sensitivity and bias
   In-system, auto-zero for bias drift calibration
   Digitally controlled sample rate
   Digitally controlled frequency response
   Dual alarm settings with configurable operation
   Embedded integration for short-term angle estimates
   Digitally activated self-test
   Digitally activated low power mode
      Interrupt-driven wake-up
   SPI-compatible serial interface
   49 Hz sensor bandwidth
   Auxiliary 12-bit ADC input and 12-bit DAC output
   Auxiliary digital input/output
   Single-supply operation: 4.75 V to 5.25 V
   2000 g powered shock survivability

APPLICATIONS
   Instrumentation control
   Platform control and stabilization
   Motion control and analysis
   Avionics instrumentation
   Navigation
   Image stabilization
   Robotics




Similar Part No. - ADIS16251

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16251 AD-ADIS16251 Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
ADIS16251PCBZ AD-ADIS16251PCBZ Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
ADIS16251 AD-ADIS16251_15 Datasheet
462Kb / 24P
Programmable Low Power Gyroscope
REV. A
More results


Similar Description - ADIS16251

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16250 AD-ADIS16250 Datasheet
445Kb / 20P
Programmable Low Power Gyroscope
10/06-Revision 0
ADIS16255 AD-ADIS16255 Datasheet
252Kb / 20P
Programmable Low Power Gyroscope with Temperature Compensation
Oct-2006
ADIS16260 AD-ADIS16260 Datasheet
386Kb / 19P
Programmable Low Power Gyroscope
Rev. PrB
logo
Maxim Integrated Produc...
MAX21000 MAXIM-MAX21000 Datasheet
1Mb / 26P
Ultra-Accurate, Low Power, 3-Axis Digital Output Gyroscope
Rev 1; 2/13
logo
Analog Devices
ADIS16250 AD-ADIS16250_15 Datasheet
371Kb / 20P
Programmable Low Power Gyroscope
REV. D
ADIS16251 AD-ADIS16251_15 Datasheet
462Kb / 24P
Programmable Low Power Gyroscope
REV. A
ADIS16255 AD-ADIS16255_15 Datasheet
371Kb / 20P
Programmable Low Power Gyroscope
REV. D
logo
Bosch Sensortec GmbH
BMG250 BOSCH-BMG250 Datasheet
1Mb / 74P
Low noise, low power triaxial gyroscope
logo
Maxim Integrated Produc...
MAX21003 MAXIM-MAX21003 Datasheet
2Mb / 28P
Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
MAX21002 MAXIM-MAX21002 Datasheet
982Kb / 28P
Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com