Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16260 Datasheet (PDF) - Analog Devices

ADIS16260 Datasheet PDF - Analog Devices
Part # ADIS16260
Download  ADIS16260 Download
File Size   386.91 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Low Power Gyroscope

ADIS16260 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16260 Datasheet PDF - Analog Devices

Part # ADIS16260
Download  ADIS16260 Click to download

File Size   386.91 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Low Power Gyroscope

ADIS16260 Datasheet (HTML) - Analog Devices


ADIS16260 Product details

GENERAL DESCRIPTION
The ADIS16260 and ADIS16265 are programmable digital gyroscopes that combine industry-leading MEMS and signal processing technology in a single compact package. They provide accuracy performance that would require full motion calibration with any other MEMS gyroscope in their class. When power is applied, the ADIS16260 and ADIS16265 automatically start up and begin sampling sensor data, without requiring configuration commands from a system processor. An addressable register structure and a common serial peripheral interface (SPI) provide simple access to sensor data and configuration settings. Many digital processor platforms support the SPI with simple firmware-level instructions.

FEATURES
   Yaw rate gyroscope with range scaling
      ±80°/sec, ±160°/sec, and ±320°/sec settings
   No external configuration required to start data collection
      Start-up time: 165 ms
      Sleep mode recovery time: 2.5 ms
   Factory-calibrated sensitivity and bias
      ADIS16265 calibration temperature range: −40°C to +85°C
      ADIS16260 calibration temperature: +25°C
   SPI-compatible serial interface
   Relative angle displacement output
   Embedded temperature sensor
   Programmable operation and control
      Automatic and manual bias correction controls
      Sensor bandwidth selection: 50 Hz/330 Hz
      Sample rate: 256 SPS/2048 SPS settings
      Bartlett window FIR filter length, number of taps
      Digital I/O: data ready, alarm indicator, general-purpose
      Alarms for condition monitoring
      Sleep mode for power management
      DAC output voltage
      Single-command self-test
   Single-supply operation: 4.75 V to 5.25 V
      3.3 V compatible digital lines
   2000 g shock survivability
   Operating temperature range: −40°C to +105°C

APPLICATIONS
   Platform control and stabilization
   Navigation
   Medical instrumentation
   Robotics




Similar Part No. - ADIS16260

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16260 AD-ADIS16260 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16260PCBZ AD-ADIS16260PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results


Similar Description - ADIS16260

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16250 AD-ADIS16250 Datasheet
445Kb / 20P
Programmable Low Power Gyroscope
10/06-Revision 0
ADIS16251 AD-ADIS16251 Datasheet
252Kb / 20P
Programmable Low Power Gyroscope
Oct-2006
ADIS16255 AD-ADIS16255 Datasheet
252Kb / 20P
Programmable Low Power Gyroscope with Temperature Compensation
Oct-2006
logo
Maxim Integrated Produc...
MAX21000 MAXIM-MAX21000 Datasheet
1Mb / 26P
Ultra-Accurate, Low Power, 3-Axis Digital Output Gyroscope
Rev 1; 2/13
logo
Analog Devices
ADIS16250 AD-ADIS16250_15 Datasheet
371Kb / 20P
Programmable Low Power Gyroscope
REV. D
ADIS16251 AD-ADIS16251_15 Datasheet
462Kb / 24P
Programmable Low Power Gyroscope
REV. A
ADIS16255 AD-ADIS16255_15 Datasheet
371Kb / 20P
Programmable Low Power Gyroscope
REV. D
logo
Bosch Sensortec GmbH
BMG250 BOSCH-BMG250 Datasheet
1Mb / 74P
Low noise, low power triaxial gyroscope
logo
Maxim Integrated Produc...
MAX21003 MAXIM-MAX21003 Datasheet
2Mb / 28P
Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
MAX21002 MAXIM-MAX21002 Datasheet
982Kb / 28P
Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
Rev 0; 6/13
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com