Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8676 Datasheet (PDF) - Analog Devices

AD8676 Datasheet PDF - Analog Devices
Part # AD8676
Download  AD8676 Download
File Size   492.18 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp

AD8676 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8676 Datasheet PDF - Analog Devices

Part # AD8676
Download  AD8676 Click to download

File Size   492.18 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp

AD8676 Datasheet (HTML) - Analog Devices


AD8676 Product details

GENERAL DESCRIPTION

The AD8676 precision operational amplifier offers ultralow offset, drift, and voltage noise combined with very low input bias currents over the full operating temperature range. The AD8676 is a precision, wide bandwidth op amp featuring rail-to rail output swings and very low noise. Operation is fully specified from ±5 V to ±15 V.



FEATURES

Very low voltage noise 2.8 nV/√Hz @ 1 kHz

Rail-to-rail output swing

Low input bias current: 2 nA maximum

Very low offset voltage: 12 μV typical

Low input offset drift: 0.6 μV/°C maximum

Very high gain: 120 dB

Wide bandwidth: 10 MHz typical

±5 V to ±18 V operation



APPLICATIONS

Precision instrumentation

PLL filters

Laser diode control loops

Strain gage amplifiers

Medical instrumentation

Thermocouple amplifiers




Similar Part No. - AD8676

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8676 AD-AD8676 Datasheet
804Kb / 24P
30 V, Low Noise, Rail-to-Rail
REV. A
AD8676 AD-AD8676 Datasheet
854Kb / 28P
True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD8676 AD-AD8676 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
AD8676 AD-AD8676 Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676 Datasheet
343Kb / 19P
Ultralow Distortion, Ultralow Noise Op Amp
More results


Similar Description - AD8676

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
June 18, 2009
logo
Analog Devices
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com