Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8676 Datasheet (PDF) - Analog Devices

AD8676 Datasheet PDF - Analog Devices
Part # AD8676
Download  AD8676 Download
File Size   804.08 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, Low Noise, Rail-to-Rail

AD8676 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8676 Datasheet PDF - Analog Devices

Part # AD8676
Download  AD8676 Click to download

File Size   804.08 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, Low Noise, Rail-to-Rail

AD8676 Datasheet (HTML) - Analog Devices


AD8676 Product details

GENERAL DESCRIPTION
The ADA4084-1 (single), ADA4084-2 (dual), and ADA4084-4 (quad) are single-supply, 10 MHz bandwidth amplifiers featuring rail-to-rail inputs and outputs. They are guaranteed to operate from +3 V to +30 V (or ±1.5 V to ±15 V).

FEATURES
    Rail-to-rail input/output
    Low power: 0.625 mA typical per amplifier at ±15 V
    Gain bandwidth product: 15.9 MHz at AV = 100 typical
    Unity-gain crossover: 9.9 MHz typical
    −3 dB closed-loop bandwidth: 13.9 MHz typical at ±15 V
    Low offset voltage: 100 µV maximum (SOIC)
    Unity-gain stable
    High slew rate: 4.6 V/µs typical
    Low noise: 3.9 nV/√Hz typical at 1 kHz
    Long-term offset voltage drift (10,000 hours): 3 µV typical
    Temperature hysteresis: 4 µV typical

APPLICATIONS
    Battery-powered instrumentation
    High-side and low-side sensing
    Power supply control and protection
    Telecommunications
    Digital-to-analog converter (DAC) output amplifiers
    Analog-to-digital converter (ADC) input buffers




Similar Part No. - AD8676

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8676 AD-AD8676 Datasheet
492Kb / 12P
Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
10/06-Revision 0
AD8676 AD-AD8676 Datasheet
854Kb / 28P
True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD8676 AD-AD8676 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
AD8676 AD-AD8676 Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676 Datasheet
343Kb / 19P
Ultralow Distortion, Ultralow Noise Op Amp
More results


Similar Description - AD8676

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
Low Noise, Precision, Rail-to-Rail Output
REV. A
logo
Texas Instruments
OPA2188 TI1-OPA2188 Datasheet
1Mb / 26P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
logo
Analog Devices
ADA4084-2 AD-ADA4084-2_13 Datasheet
800Kb / 28P
30 V, Low Noise, Rail-to-Rail I/O, Low Power Operational Amplifier
REV. C
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8605 AD-AD8605_15 Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8606 AD-AD8606_15 Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8608 AD-AD8608_15 Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
ADA4084-1 AD-ADA4084-1 Datasheet
975Kb / 35P
30 V, Low Noise, Rail-to-Rail Input/Output, Low Power Operational Amplifiers
Rev. H
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com