Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8676 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8676
Description  30 V, Low Noise, Rail-to-Rail
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8676 Datasheet(HTML) 2 Page - Analog Devices

  AD8676 Datasheet HTML 1Page - Analog Devices AD8676 Datasheet HTML 2Page - Analog Devices AD8676 Datasheet HTML 3Page - Analog Devices AD8676 Datasheet HTML 4Page - Analog Devices AD8676 Datasheet HTML 5Page - Analog Devices AD8676 Datasheet HTML 6Page - Analog Devices AD8676 Datasheet HTML 7Page - Analog Devices AD8676 Datasheet HTML 8Page - Analog Devices AD8676 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADA4084-2
Data Sheet
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ............................................. 7
±1.5 V Characteristics.................................................................. 7
±5 V Characteristics................................................................... 11
±15 V Characteristics ................................................................ 15
Comparative Voltage and Variable Voltage Graphs............... 19
Applications Information .............................................................. 20
Functional Description.............................................................. 20
Input Protection ......................................................................... 21
Output Phase Reversal............................................................... 21
Designing Low Noise Circuits in Single-Supply
Applications ................................................................................ 21
Comparator Operation.............................................................. 22
Outline Dimensions....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
2/12—Rev. 0 to Rev. A
Changes to Data Sheet Title ............................................................ 1
Changes to Voltage Range in General Description...................... 1
Changes to Supply Current/Amplifier Parameter, Table 2.......... 3
Changes to Common-Mode Rejection Ratio Parameter, Table 3.. 4
Changes to Common-Mode Rejection Ratio Parameter, Table 4.. 5
Changes to Figure 2.......................................................................... 6
Changes to Figure 24...................................................................... 10
Changes to Figure 32...................................................................... 12
Changes to Figure 47...................................................................... 14
Changes to Figure 55...................................................................... 16
Changes to Figure 62...................................................................... 17
Changes to Figure 73...................................................................... 20
10/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com