Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8676 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8676
Description  30 V, Low Noise, Rail-to-Rail
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8676 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8676 Datasheet HTML 9Page - Analog Devices AD8676 Datasheet HTML 10Page - Analog Devices AD8676 Datasheet HTML 11Page - Analog Devices AD8676 Datasheet HTML 12Page - Analog Devices AD8676 Datasheet HTML 13Page - Analog Devices AD8676 Datasheet HTML 14Page - Analog Devices AD8676 Datasheet HTML 15Page - Analog Devices AD8676 Datasheet HTML 16Page - Analog Devices AD8676 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADA4084-2
Rev. A | Page 13 of 24
120
20
10
100M
FREQUENCY (Hz)
100
1k
10k
100k
10M
1M
ADA4084-2
VSY = ±5V
TA = 25°C
30
40
50
60
70
80
90
100
110
Figure 38. CMRR vs. Frequency
5
–5
TIME (µs)
ADA4084-2
VSY = ±5V
TA = 25°C
RL = 2kΩ
CL = 100pF
–4
–3
–2
–1
0
1
2
3
4
0
18
2
4
6
8
10
12
14
16
Figure 39. Large Signal Transient Response
80
60
40
20
0
–80
–60
–40
–20
TIME (µs)
ADA4084-2
VSY = ±5V
TA = 25°C
RL = 2kΩ
CL = 100pF
0
10
2
3
1
4
6
7
5
8
9
Figure 40. Small Signal Transient Response
10
–25
–20
–5
–10
–15
0
5
0.16
–0.12
–0.08
–0.04
0
0.04
0.08
0.12
–2
0
2
4
8
6
18
16
12
10
14
TIME (µs)
ADA4084-2
VSY = ±5V
TA = 25°C
OUTPUT
INPUT
Figure 41. Settling Time
10
1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
ADA4084-2
VSY = ±5V
TA = 25°C
4
Figure 42. Voltage Noise Density
60
50
40
30
20
10
0
1
1000
100
10
CAPACITANCE (pF)
ADA4084-2
VSY = ±5V
VIN = 100mV p-p
RL = 2kΩ
TA = 25°C
OS+
OS–
Figure 43. Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com