Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG795A Datasheet (PDF) - Analog Devices

ADG795A Datasheet PDF - Analog Devices
Part # ADG795A
Download  ADG795A Download
File Size   543.1 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer

ADG795A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG795A Datasheet PDF - Analog Devices

Part # ADG795A
Download  ADG795A Click to download

File Size   543.1 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer

ADG795A Datasheet (HTML) - Analog Devices


ADG795A Product details

GENERAL DESCRIPTION
The ADG795A/ADG795G are monolithic CMOS devices comprising five 2:1 multiplexers/demultiplexers controllable via a standard I2C serial interface. The CMOS process provides ultralow power dissipation, yet gives high switching speed and low on resistance.
The on-resistance profile is very flat over the full analog input range and wide bandwidth ensures excellent linearity and low distortion. These features, combined with a wide input signal range make the ADG795A/ADG795G the ideal switching solution for a wide range of TV applications including S-video, RGB and YPbPr video switches.

FEATURES
   Bandwidth: 325 MHz
   Low insertion loss and on resistance: 2.6 Ω typical
   On resistance flatness: 0.3 Ω typical
   Single 3 V/5 V supply operation
   3.3 V analog signal range (5 V supply, 75 Ω load)
   Low quiescent supply current: 1 nA typical
   Fast switching times: tON = 186 ns, tOFF = 177 ns
   ESD protection
      4 kV human body model (HBM)
      200 V machine model (MM)
      1 kV field-induced charged device model (FICDM)
   I2C®-compatible interface
   Compact 24-lead LFCSP
 
APPLICATIONS
   S-Video RGB/YPbPr video switches
   HDTV
   Projection TV
   DVD-R/RW
   AV receivers




Similar Part No. - ADG795A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG795A AD-ADG795A_15 Datasheet
1Mb / 24P
Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
More results


Similar Description - ADG795A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
logo
Analog Devices
ADG793G AD-ADG793G Datasheet
541Kb / 24P
I2C-Compatible, Wide Bandwidth, Triple 3:1 Multiplexer
7/06-Revision 0
ADG796A AD-ADG796A Datasheet
513Kb / 24P
I2C-Compatible, Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
7/06-Revision 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
7/06-Revision 0
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG795A AD-ADG795A_15 Datasheet
1Mb / 24P
Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com