Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG791A Datasheet (PDF) - Analog Devices

ADG791A Datasheet PDF - Analog Devices
Part # ADG791A
Download  ADG791A Download
File Size   567.03 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer

ADG791A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG791A Datasheet PDF - Analog Devices

Part # ADG791A
Download  ADG791A Click to download

File Size   567.03 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer

ADG791A Datasheet (HTML) - Analog Devices


ADG791A Product details

GENERAL DESCRIPTION
The ADG791A/ADG791G are monolithic CMOS devices comprising four 2:1 multiplexers/demultiplexers controllable via a standard I2C serial interface. The CMOS process provides ultralow power dissipation yet gives high switching speed and low on resistance.
The on-resistance profile is very flat over the full analog input range and wide bandwidth ensures excellent linearity and low distortion. These features, combined with a wide input signal range make the ADG791A/ADG791G the ideal switching solution for a wide range of TV applications including S-video, RGB, and YPbPr video switches.

FEATURES
   Bandwidth: 325 MHz
   Low insertion loss and on resistance: 2.6 Ω typical
   On resistance flatness: 0.3 Ω typical
   Single 3 V/5 V supply operation
   3.3 V analog signal range (5 V supply, 75 Ω load)
   Low quiescent supply current: 1 nA typical
   Fast switching times: tON = 186 ns, tOFF = 177 ns
   I2C®-compatible interface
   Compact 24-lead LFCSP
   ESD protection
      4 kV human body model (HBM)
      200 V machine model (MM)
      1 kV field-induced charged device model (FICDM)

APPLICATIONS
   S-video RGB/YPbPr video switches
   HDTVs
   Projection TVs
   DVD-R/RW
   AV receivers




Similar Part No. - ADG791A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
More results


Similar Description - ADG791A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200 Datasheet
84Kb / 6P
Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
logo
Analog Devices
ADG795A AD-ADG795A Datasheet
543Kb / 24P
I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
7/06-Revision 0
ADG796A AD-ADG796A Datasheet
513Kb / 24P
I2C-Compatible, Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
7/06-Revision 0
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_06 Datasheet
674Kb / 10P
Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
FSAL200 FAIRCHILD-FSAL200_07 Datasheet
259Kb / 11P
Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com