Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-B1420 Datasheet (PDF) - Nel Frequency Controls,inc

SC-B1420 Datasheet PDF - Nel Frequency Controls,inc
Part # SC-B1420
Download  SC-B1420 Download
File Size   206.52 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Frequency Range: 1.0 MHz to 80.0 MHz

SC-B1420 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC-B1420 Datasheet PDF - Nel Frequency Controls,inc

Part # SC-B1420
Download  SC-B1420 Click to download

File Size   206.52 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Frequency Range: 1.0 MHz to 80.0 MHz

SC-B1420 Datasheet (HTML) - Nel Frequency Controls,inc


SC-B1420 Product details

Description
The SC-B1420 Series of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems. Supplying Pin 1 of the SC-B1420 units with a logic “1" or open enables its Pin 3 output. In the disable mode, Pin 3 presents a high impedance to the load.

Features
• Wide frequency range–1.0MHz to 80.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
• Space-saving alternative to discrete component oscillators
• 2.5 Volt operation
• High shock resistance, to 1000g
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Low Jitter - Wavecrest jitter characterization available
• No internal PLL avoids cascading PLL problems
• Metal lid electrically connected to ground to reduce EMI
• Gold plated pads




Similar Part No. - SC-B1420

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-B1420-FREQ NEL-SC-B1420-FREQ Datasheet
44Kb / 2P
LVCMOS
SC-B1420 NEL-SC-B1420_10 Datasheet
101Kb / 2P
quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
More results


Similar Description - SC-B1420

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-A3670 NEL-SD-A3670 Datasheet
210Kb / 2P
Frequency Range: 70.0 MHz to 200.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
Frequency Range: 100.0 MHz to 320.0 MHz
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
Frequency Range: 10.0 MHz to 52.0 MHz
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
Frequency Range: 60.0 MHz to 200.0 MHz
SJ-A1420 NEL-SJ-A1420 Datasheet
291Kb / 2P
Frequency Range: 1.0 MHz to 80.0 MHz
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
Frequency Range: 10.0 MHz to 250.0 MHz
logo
RF Monolithics, Inc
XOC17 RFM-XOC17 Datasheet
419Kb / 2P
5 to 100 MHz Frequency Range
logo
Integrated Technology F...
240501B ITF-240501B Datasheet
171Kb / 2P
80.0 MHz SAW Filter
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
50 MHz to 1000 MHz Frequency Range
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
30 MHz to 3000 MHz Frequency Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com