Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-EHLC Datasheet (PDF) - BCM Advanced Research.

ESM-EHLC Datasheet PDF - BCM Advanced Research.
Part # ESM-EHLC
Download  ESM-EHLC Download
File Size   1570.17 Kbytes
Page   1 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description Intel® Elkhart Lake SoC Type 6 COM Express Module

ESM-EHLC Datasheet (PDF)

Go To PDF Page Download Datasheet
ESM-EHLC Datasheet PDF - BCM Advanced Research.

Part # ESM-EHLC
Download  ESM-EHLC Click to download

File Size   1570.17 Kbytes
Page   1 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description Intel® Elkhart Lake SoC Type 6 COM Express Module

ESM-EHLC Datasheet (HTML) - BCM Advanced Research.


ESM-EHLC Product details

Features
• Intel® Elkhart Lake Platform • 2 x SODIMM DDR4 3200 SDRAM slots up to 32GB, support In-Band
ECC memory protection • Supports 3 independent display • Display Port 1.4, HDMI 2.0b/1.4b, Dual Channel LVDS, VGA, optional
eDP1.3 • Supports 2 x SATA (6.0GB/s), 8 x USB 2.0, 4 x USB 3.2 Gen2 x1, 3 PCIe
x1 Gen3, 8-bit GPIO, optional eMMC • 1 x 2.5GbE Ethernet via MaxLINEAR GPY215 • Time Sensitive Networking and Time Coordinated Computing for
improved Realtime Capability • 9~19V Wide Range Power Input • Extreme Rugged Operating Temperature: -40°C to +85°C (Optional) • Type 6 Rev 3.0 Pin-out




Similar Part No. - ESM-EHLC

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-075S105DX INVENTRONICS-ESM-075S105DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S150DX INVENTRONICS-ESM-075S150DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S210DX INVENTRONICS-ESM-075S210DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075SXXXDX INVENTRONICS-ESM-075SXXXDX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
logo
Vecow Co., Ltd.
ESM-100 VECOW-ESM-100 Datasheet
260Kb / 1P
SUMIT Expansion Card with 3 Mini PCIe Slot, 3 SIM Socket, 1 USB 2.0, -25째C to 70째C
More results


Similar Description - ESM-EHLC

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-DN7 ADLINK-EXPRESS-DN7 Datasheet
479Kb / 5P
COM Express Basic Size Type 7 Module with Intel Atom C3000 SoC
logo
Advantech Co., Ltd.
SOM-5899 ADVANTECH-SOM-5899 Datasheet
531Kb / 3P
9th/8thGen Intel® Xeon®/Core™ Processors COM Express Basic Module Type 6
18-May-2022
SOM-6832 ADVANTECH-SOM-6832 Datasheet
1Mb / 6P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Compact Type6
29-Nov-2021
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
AAEON Technology
COM-WHUC6 AAEON-COM-WHUC6 Datasheet
505Kb / 2P
COM Express Compact Type 6 with 8th Gen Intel® Core™ ULT SoC
2022/09/01
logo
BCM Advanced Research.
ECM-EHL BCM-ECM-EHL Datasheet
1Mb / 1P
Intel® Celeron®/Atom™ Elkhart Lake SoC 3.5” Micro Module
02/17/2023
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
EQM-APL BCM-EQM-APL Datasheet
639Kb / 1P
Intel® Pentium®/Celeron® Apollo Lake SoC processor Qseven Module
05/12/2022
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
logo
AAEON Technology
FWS-2280 AAEON-FWS-2280 Datasheet
308Kb / 2P
Desktop Network Appliance with Intel® Elkhart Lake Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com