Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-075S105DX Datasheet (PDF) - Inventronics Inc.

ESM-075S105DX Datasheet PDF - Inventronics Inc.
Part # ESM-075S105DX
Download  ESM-075S105DX Download
File Size   703.84 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W Programmable IP66/IP67 Driver

ESM-075S105DX Datasheet (PDF)

Go To PDF Page Download Datasheet
ESM-075S105DX Datasheet PDF - Inventronics Inc.

Part # ESM-075S105DX
Download  ESM-075S105DX Click to download

File Size   703.84 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W Programmable IP66/IP67 Driver

ESM-075S105DX Datasheet (HTML) - Inventronics Inc.


ESM-075S105DX Product details

Features
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Programmability
 Isolated 1-10V/10V PWM/3-Timer-Modes Dimmable
 Output Lumen Compensation
 End-of-Life Indicator
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: OVP, SCP, OTP
 IP66/IP67 and UL Dry/Damp/Wet Location
 TYPE HL, for use in a Class I, Division 2 Hazardous
(Classified) Location
 5 Years Warranty
Description
The ESM-075SxxxDx series is a 75W, constant-current, programmable and IP66/IP67 rated LED driver that
operates from 249-528Vac input with excellent power factor. It is created for many lighting applications including
high bay, tunnel and roadway, etc. The high efficiency of these drivers and compact metal case enables them to
run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection
is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - ESM-075S105DX

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
ESM-100 VECOW-ESM-100 Datasheet
260Kb / 1P
SUMIT Expansion Card with 3 Mini PCIe Slot, 3 SIM Socket, 1 USB 2.0, -25째C to 70째C
ESM-101 VECOW-ESM-101 Datasheet
260Kb / 1P
SUMIT Expansion Card with 3 Mini PCIe Slot, 3 SIM Socket, 1 USB 2.0, -25째C to 70째C
logo
Inventronics Inc.
ESM-1K2S350MGS INVENTRONICS-ESM-1K2S350MGS Datasheet
827Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2S350MX INVENTRONICS-ESM-1K2S350MX Datasheet
815Kb / 16P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2S525MGS INVENTRONICS-ESM-1K2S525MGS Datasheet
827Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.B
More results


Similar Description - ESM-075S105DX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-075SXXXSB INVENTRONICS-DS-EAM-075SXXXSB Datasheet
546Kb / 11P
75W A OC IP66/IP67 Driver with 440Vac Protection
Rev. C
DS-EAM-200SXXXDB INVENTRONICS-DS-EAM-200SXXXDB Datasheet
787Kb / 12P
200W Programmable IP66/IP67 Driver
Rev.A
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
DS-EBM-1K2SXXXDG INVENTRONICS-DS-EBM-1K2SXXXDG Datasheet
811Kb / 12P
1200W Programmable IP66/IP67 Driver
Rev.D
ESM-240SXXXDX INVENTRONICS-ESM-240SXXXDX Datasheet
728Kb / 13P
240W Programmable IP66/IP67 Driver
Rev.C
EUW-040DXXXDX INVENTRONICS-EUW-040DXXXDX Datasheet
834Kb / 16P
40W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-150DXXXDX INVENTRONICS-EUW-150DXXXDX Datasheet
872Kb / 19P
150W Programmable IP66 /IP67 Tunable White Driver
Rev.C
EUK-075SXXXDVTV INVENTRONICS-EUK-075SXXXDVTV Datasheet
801Kb / 13P
75W Programmable IP67 Driver
Rev. D
EUK-075SXXXDT INVENTRONICS-EUK-075SXXXDT Datasheet
1Mb / 13P
75W Programmable IP67 Driver
Rev. C
EBD-075SXXXDV INVENTRONICS-EBD-075SXXXDV Datasheet
1Mb / 12P
75W Programmable IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com