Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBV05X1 Datasheet (PDF) - Renesas Technology Corp

9DBV05X1 Datasheet PDF - Renesas Technology Corp
Part # 9DBV05X1
Download  9DBV05X1 Download
File Size   1100.51 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5

9DBV05X1 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBV05X1 Datasheet PDF - Renesas Technology Corp

Part # 9DBV05X1
Download  9DBV05X1 Click to download

File Size   1100.51 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5

9DBV05X1 Datasheet (HTML) - Renesas Technology Corp


9DBV05X1 Product details

Features
▪ 5–9 Low-Power HCSL (LP-HCSL) outputs
• 100Ω outputs eliminate 4 resistors per output pair
(9DBVxx41)
• 33Ω outputs eliminate 2 resistors per output pair allowing
use in both 85Ω and 100Ω systems (9DBVxx31)
▪ Easy AC-coupling to other logic families, see application note
AN-891
▪ Spread spectrum compatible
▪ OE# pins support PCIe CLKREQ# function
▪ 3 selectable SMBus addresses
▪ 3.3V tolerant SMBus interface
▪ SMBus-selectable features allow optimization to customer
requirements:
• Individual slew rate control for each output
• Differential output amplitude
• Device contains default configuration; SMBus interface not
required for device operation
▪ -40°C to +85°C operating temperature range
▪ Packages: See Ordering Information for more details




Similar Part No. - 9DBV05X1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBV05X1 RENESAS-9DBV05X1 Datasheet
1Mb / 28P
5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
December 4, 2025
9DBV05X1 RENESAS-9DBV05X1_V01 Datasheet
1Mb / 28P
5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
December 4, 2025
More results


Similar Description - 9DBV05X1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0241 IDT-9DBV0241_16 Datasheet
312Kb / 17P
2-Output 1.8V PCIe Gen1/2/3 Zero Delay
9DBV0631 IDT-9DBV0631_16 Datasheet
169Kb / 17P
6-output 1.8V PCIe Gen1-2-3 ZDB/FOB
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
Renesas Technology Corp
9DBL0255_0455 RENESAS-9DBL0255_0455 Datasheet
805Kb / 17P
2 and 4-Output 3.3V PCIe Gen1–5 Clock Fanout Buffers with LOS
February 3, 2023
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DMV0131B RENESAS-9DMV0131B Datasheet
535Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
9FGL02X1 RENESAS-9FGL02X1 Datasheet
1Mb / 37P
3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9ZXL04X1E RENESAS-9ZXL04X1E Datasheet
1Mb / 34P
4 to 12-Output Buffers for PCIe Gen1–5 and UPI
December 19, 2022
9ZXL06X2E RENESAS-9ZXL06X2E Datasheet
1Mb / 32P
6 to 12-Output Buffers for PCIe Gen1–5 and UPI with SMBus Write Protect
October 22, 2019
9ZXL15X0D RENESAS-9ZXL15X0D Datasheet
1Mb / 35P
15 to 19-Output Buffers for PCIe Gen1–5 and UPI
August 25, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com