Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG4002EB Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG4002EB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG4002EB
Download  PMEG4002EB Download
File Size   202.74 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 mA very low VF MEGA Schottky barrier rectifier

PMEG4002EB Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG4002EB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG4002EB
Download  PMEG4002EB Click to download

File Size   202.74 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 mA very low VF MEGA Schottky barrier rectifier

PMEG4002EB Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG4002EB Product details

1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated
guard ring for stress protection, encapsulated in a SOD523 (SC-79) ultra small and flat lead
Surface Mounted Device (SMD) plastic package.

2. Features and benefits
• Forward current: 200 mA
• Reverse voltage: 40 V
• Very low forward voltage
• Ultra small and flat lead SMD plastic package

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Inverse polarity protection
• Low power consumption applications




Similar Part No. - PMEG4002EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4002EB NXP-PMEG4002EB Datasheet
102Kb / 8P
0.2 A very low VF MEGA Schottky barrier rectifier in SOD523 package
Rev. 02-13 January 2010
logo
Nexperia B.V. All right...
PMEG4002EB-Q NEXPERIA-PMEG4002EB-Q Datasheet
173Kb / 8P
200 mA very low VF MEGA Schottky barrier rectifier
30 September 2021
More results


Similar Description - PMEG4002EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RB520S30 NXP-RB520S30 Datasheet
267Kb / 12P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
RB521S30 NXP-RB521S30 Datasheet
258Kb / 12P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
PMEG3002EJ NXP-PMEG3002EJ Datasheet
103Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
PMEG3002EJ PHILIPS-PMEG3002EJ_15 Datasheet
103Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
RB520CS3002L PHILIPS-RB520CS3002L_15 Datasheet
204Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
25 June 2013
logo
Nexperia B.V. All right...
RB520CS3002L NEXPERIA-RB520CS3002L Datasheet
689Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
PMEG4002EB-Q NEXPERIA-PMEG4002EB-Q Datasheet
173Kb / 8P
200 mA very low VF MEGA Schottky barrier rectifier
30 September 2021
PMEG3002EJ NEXPERIA-PMEG3002EJ Datasheet
218Kb / 14P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
PMEG4002EJ NEXPERIA-PMEG4002EJ Datasheet
218Kb / 14P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
RB521S30 NEXPERIA-RB521S30 Datasheet
235Kb / 11P
200 mA low Vf MEGA Schottky barrier rectifier
7 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com