Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C188 Datasheet (PDF) - Cypress Semiconductor

CY7C188 Datasheet PDF - Cypress Semiconductor
Part # CY7C188
Download  CY7C188 Download
File Size   149.52 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 9 Static RAM

CY7C188 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C188 Datasheet PDF - Cypress Semiconductor

Part # CY7C188
Download  CY7C188 Click to download

File Size   149.52 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 9 Static RAM

CY7C188 Datasheet (HTML) - Cypress Semiconductor


CY7C188 Product details

Functional Description

The CY7C188 is a high-performance CMOS static RAM organized as 32,768 words by 9 bits. Easy memory expansion is provided by an active-LOW chip enable (CE1), an active-HIGH chip enable (CE2), an active-LOW output enable (OE), and tri-state drivers. The device has an automatic power-down feature that reduces power consumption by more than 75% when deselected.



Features

• High speed

   — 15 ns

• Automatic power-down when deselected

• Low active power

   — 660 mW

• Low standby power

   — 55 mW

• CMOS for optimum speed/power

• TTL-compatible inputs and outputs

• Easy memory expansion with CE1, CE2, and OE features

• Available in non Pb-free 32-Lead (300-Mil) Molded SOJ



 




Similar Part No. - CY7C188

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C188 CYPRESS-CY7C188 Datasheet
245Kb / 7P
32K x 9 Static RAM
CY7C188-15VC CYPRESS-CY7C188-15VC Datasheet
245Kb / 7P
32K x 9 Static RAM
CY7C188-20VC CYPRESS-CY7C188-20VC Datasheet
245Kb / 7P
32K x 9 Static RAM
CY7C188 CYPRESS-CY7C188_06 Datasheet
245Kb / 7P
32K x 9 Static RAM
More results


Similar Description - CY7C188

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
32K x 9 Bit Fast Static RAM
MCM62486B MOTOROLA-MCM62486B Datasheet
197Kb / 12P
32K x 9 Bit BurstRAM Synchronous Static RAM
logo
Cypress Semiconductor
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
32K x 16 Static RAM
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
32K x 8 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
32K x 16 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
32K x 8 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
32K x 16 Static RAM
CY7C188 CYPRESS-CY7C188_06 Datasheet
245Kb / 7P
32K x 9 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
32K x 8 Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
32K x 8 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com