Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGV1004C Datasheet (PDF) - Renesas Technology Corp

9FGV1004C Datasheet PDF - Renesas Technology Corp
Part # 9FGV1004C
Download  9FGV1004C Download
File Size   1133.19 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Phase-Noise, Low-Power Programmable PhiClock™ Generator

9FGV1004C Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGV1004C Datasheet PDF - Renesas Technology Corp

Part # 9FGV1004C
Download  9FGV1004C Click to download

File Size   1133.19 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Phase-Noise, Low-Power Programmable PhiClock™ Generator

9FGV1004C Datasheet (HTML) - Renesas Technology Corp


9FGV1004C Product details

Description
The 9FGV1004C/9FGV1008C are members of Renesas’
PhiClock™ programmable clock generator family. The 9FGV1004
provides 1 copy each of 2 integer-related frequencies, 2 copies of
a fractional or spread-spectrum frequency. The 9FGV1008
provided 1 integer frequency and 1 copy of a fractional or
spread-spectrum frequency. Four user-defined configurations may
be selected via two hardware select pins or two I2C bits, allowing
easy software selection of the desired configuration. Any one of
the four OTP configurations may be specified as the default when
operating in I2C mode. Four unique I2C addresses are available,
allowing easy I2C access to multiple components.

Features
▪ 1.8V, 2.5V or 3.3V power supplies
▪ Individual VDDO for each programmable output pair
▪ Supports HCSL, LVDS and LVCMOS I/O standards
▪ Low-Power HCSL technology for improved performance, lower
power and higher integration:
• Programmable output impedance of 85Ω or 100Ω
▪ Supports LVPECL and CML logic with easy AC coupling – see
AN-891 for alternate terminations
▪ On-board OTP supports up to 4 complete configurations
selectable via strapping pins or I2C
▪ Internal crystal load capacitors
▪ Programmable spread-spectrum modulation frequency and
amount
▪ < 150mW at 1.8V with LP-HCSL outputs at 100MHz
(9FGV1004)
▪ < 135mW at 1.8V with LP-HCSL outputs at 100MHz
(9FGV1008)
▪ 4 programmable I2
C addresses: D0, D2, D4, D6
▪ Easily configured with Renesas Timing Commander™ software
or Web Configurator
▪ Space saving 4 × 4 mm 24-VFQFPN, 24-LGA (9FGV1004) and
3 × 3 mm 16-LGA (9FGV1008) packages
▪ Integrated crystal option (9FGV1004CQ, 9FGV1008CQ)




Similar Part No. - 9FGV1004C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGV1004C RENESAS-9FGV1004C Datasheet
1Mb / 29P
Low Phase-Noise, Low-Power Programmable PhiClock™ Generator
October 8, 2025
9FGV1004C001NBGI RENESAS-9FGV1004C001NBGI Datasheet
159Kb / 4P
9FGV1004C PhiClock Generator Custom Configuration Addendum
September 17, 2020
9FGV1004C001NBGI8 RENESAS-9FGV1004C001NBGI8 Datasheet
159Kb / 4P
9FGV1004C PhiClock Generator Custom Configuration Addendum
September 17, 2020
9FGV1004CNNNNBGI RENESAS-9FGV1004CNNNNBGI Datasheet
1Mb / 29P
Low Phase-Noise, Low-Power Programmable PhiClock™ Generator
October 8, 2025
9FGV1004CNNNNBGI8 RENESAS-9FGV1004CNNNNBGI8 Datasheet
1Mb / 29P
Low Phase-Noise, Low-Power Programmable PhiClock™ Generator
October 8, 2025
More results


Similar Description - 9FGV1004C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
NIHON DEMPA KOGYO
SG010M3R0GB NDK-SG010M3R0GB Datasheet
274Kb / 1P
3GHz low phase noise CW signal generator
logo
Integrated Device Techn...
9FGV1006 IDT-9FGV1006 Datasheet
213Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1005 IDT-9FGV1005 Datasheet
219Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1004 IDT-9FGV1004 Datasheet
225Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1001 IDT-9FGV1001 Datasheet
225Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1002B IDT-9FGV1002B Datasheet
212Kb / 16P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
logo
Renesas Technology Corp
9FGV1001C RENESAS-9FGV1001C Datasheet
1Mb / 28P
Low Phase-Noise, Low-Power Programmable PhiClock™ Generators
October 29, 2020
9FGV1002C RENESAS-9FGV1002C Datasheet
1Mb / 31P
PCIe Gen1–6 Low-Power Programmable PhiClock™ Generators
March 23, 2022
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com