Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGV1002C Datasheet (PDF) - Renesas Technology Corp

9FGV1002C Datasheet PDF - Renesas Technology Corp
Part # 9FGV1002C
Download  9FGV1002C Download
File Size   1145.31 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen1–6 Low-Power Programmable PhiClock™ Generators

9FGV1002C Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGV1002C Datasheet PDF - Renesas Technology Corp

Part # 9FGV1002C
Download  9FGV1002C Click to download

File Size   1145.31 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen1–6 Low-Power Programmable PhiClock™ Generators

9FGV1002C Datasheet (HTML) - Renesas Technology Corp


9FGV1002C Product details

Features
▪ 1.8V to 3.3V power supplies
▪ Individual 1.8V, 2.5V or 3.3V VDDO for each output pair
▪ Supports HCSL, LVDS and LVCMOS I/O standards
▪ HCSL utilizes Renesas’ LP-HCSL technology for improved
performance, lower power and higher integration:
• Programmable output impedance of 85Ω or 100Ω
▪ Supports LVPECL and CML logic with easy AC coupling – see
application note AN-891 for alternate terminations
▪ On-board OTP supports up to 4 complete configurations
• 1 integer, fractional or spread spectrum output frequency
per configuration
▪ Configuration selected via strapping pins or I2C
▪ Internal crystal load capacitors
▪ < 125mW (9FGV1002C – 1.8V with 100MHz LP-HCSL outputs)
▪ < 100mW (9FGV1006C – 1.8V with 100MHz LP-HCSL outputs)
▪ 4 programmable I2C addresses: D0, D2, D4, D6
▪ Easily configured with Renesas Timing Commander™ software
or Web Configuration tool
▪ 4 × 4 mm 24-VFQFPN with integrated crystal option
▪ 3 × 3 mm 16-LGA with integrated crystal option
▪ Programmable spread spectrum modulation frequency and
amount
Key Specifications
▪ 276fs RMS 12kHz–20MHz typical phase jitter at 156.25MHz
▪ PCIe Gen6 jitter (CC) < 50fs RMS




Similar Part No. - 9FGV1002C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGV1002C RENESAS-9FGV1002C Datasheet
1Mb / 35P
PCIe Gen1–7 Low-Power Programmable PhiClock™ Generators
October 27, 2025
9FGV1002C001NBGI RENESAS-9FGV1002C001NBGI Datasheet
159Kb / 4P
9FGV1002C PhiClock Generator Custom Configuration Addendum
September 16, 2020
9FGV1002C001NBGI8 RENESAS-9FGV1002C001NBGI8 Datasheet
159Kb / 4P
9FGV1002C PhiClock Generator Custom Configuration Addendum
September 16, 2020
9FGV1002C002NBGI RENESAS-9FGV1002C002NBGI Datasheet
159Kb / 4P
9FGV1002C PhiClock Generator Custom Configuration Addendum
September 16, 2020
9FGV1002C002NBGI8 RENESAS-9FGV1002C002NBGI8 Datasheet
159Kb / 4P
9FGV1002C PhiClock Generator Custom Configuration Addendum
September 16, 2020
More results


Similar Description - 9FGV1002C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9FGV1006 IDT-9FGV1006 Datasheet
213Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1005 IDT-9FGV1005 Datasheet
219Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1004 IDT-9FGV1004 Datasheet
225Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1001 IDT-9FGV1001 Datasheet
225Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1002B IDT-9FGV1002B Datasheet
212Kb / 16P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
logo
Renesas Technology Corp
6P41282 RENESAS-6P41282 Datasheet
633Kb / 15P
6-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo=100Ω
Mar 2020
9FGL639 RENESAS-9FGL639 Datasheet
5Mb / 15P
6-OUTPUT LOW-POWER DIFFERENTIAL SYNTHESIZER FOR PCIE GEN1/2/3
REV A 061312
9FGV1001C RENESAS-9FGV1001C Datasheet
1Mb / 28P
Low Phase-Noise, Low-Power Programmable PhiClock™ Generators
October 29, 2020
9FGV1004C RENESAS-9FGV1004C Datasheet
1Mb / 29P
Low Phase-Noise, Low-Power Programmable PhiClock™ Generator
January 31, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com