Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6P41282 Datasheet (PDF) - Renesas Technology Corp

6P41282 Datasheet PDF - Renesas Technology Corp
Part # 6P41282
Download  6P41282 Download
File Size   633.69 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo=100Ω

6P41282 Datasheet (PDF)

Go To PDF Page Download Datasheet
6P41282 Datasheet PDF - Renesas Technology Corp

Part # 6P41282
Download  6P41282 Click to download

File Size   633.69 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo=100Ω

6P41282 Datasheet (HTML) - Renesas Technology Corp


6P41282 Product details

Description
The 6P41282 is a member of Renesas’ SOC-Friendly 1.8V
very low-power PCIe clock family. The device has integrated
100 output terminations providing direction connection to
100 transmission lines. The device also has 6 output
enables for clock management and supports 2 different
spread spectrum levels in addition to spread off.

Features
• LP-HCSL outputs with integrated terminations; save 24
resistors compared to standard PCIe devices
• 54mW typical power consumption; reduced thermal
concerns
• Outputs can optionally be supplied from any voltage
between 1.05V and 1.8V; maximum power savings
• OE# pins; support DIF power management
• Programmable slew rate for each output; allows tuning for
various line lengths
• Programmable output amplitude; allows tuning for various
application environments
• DIF outputs blocked until PLL is locked; clean system
start-up
• Selectable 0%, -0.25% or -0.5% spread on DIF outputs;
reduces EMI
• External 25MHz crystal; supports tight ppm with 0 ppm
synthesis error
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy controllers
• Selectable SMBus addresses; multiple devices can easily
share an SMBus segment
• Space saving 5 x 5 mm 40-VFQFPN; minimal board space




Similar Part No. - 6P41282

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6P41302 RENESAS-6P41302 Datasheet
548Kb / 18P
8-OUTPUT SMALL FORM FACTOR PCIE GEN 1-3 CLOCK GENERATOR
Mar 2020
6P41302NDGI RENESAS-6P41302NDGI Datasheet
548Kb / 18P
8-OUTPUT SMALL FORM FACTOR PCIE GEN 1-3 CLOCK GENERATOR
Mar 2020
6P41302NDGI8 RENESAS-6P41302NDGI8 Datasheet
548Kb / 18P
8-OUTPUT SMALL FORM FACTOR PCIE GEN 1-3 CLOCK GENERATOR
Mar 2020
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
System Clock Generator
MAY 1, 2019
6P41505BNDGI RENESAS-6P41505BNDGI Datasheet
561Kb / 27P
System Clock Generator
MAY 1, 2019
More results


Similar Description - 6P41282

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_16 Datasheet
224Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_16 Datasheet
230Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN1/2/3 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_16 Datasheet
224Kb / 15P
4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0641 IDT-9FGV0641_17 Datasheet
267Kb / 16P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
9FGV0841 IDT-9FGV0841_17 Datasheet
261Kb / 17P
8-Output Very Low-Power PCIe Gen1-2-3-4 Clock Generator with Zo=100ohms
logo
Renesas Technology Corp
9FGV0841 RENESAS-9FGV0841 Datasheet
1,014Kb / 22P
8-Output Very Low-Power PCIe Gen1?? Clock Generator with Zo = 100ohms
June 6, 2019
logo
Diodes Incorporated
PI6CG18200 DIODES-PI6CG18200 Datasheet
1Mb / 18P
Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
logo
Renesas Technology Corp
9FGL839 RENESAS-9FGL839 Datasheet
6Mb / 12P
8 OUTPUT LOW-POWER PCIE GEN1-2-3 CLOCK GENERATOR W/ZO=100OHMS
REV B 072114
9FGU0841 RENESAS-9FGU0841 Datasheet
400Kb / 17P
8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGV0641 RENESAS-9FGV0641 Datasheet
649Kb / 17P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
JUNE 6, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com