Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CG18200 Datasheet (PDF) - Diodes Incorporated

PI6CG18200 Datasheet PDF - Diodes Incorporated
Part # PI6CG18200
Download  PI6CG18200 Download
File Size   1508.47 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Very Low Power 2-Output PCIe Clock Generator

PI6CG18200 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CG18200 Datasheet PDF - Diodes Incorporated

Part # PI6CG18200
Download  PI6CG18200 Click to download

File Size   1508.47 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Very Low Power 2-Output PCIe Clock Generator

PI6CG18200 Datasheet (HTML) - Diodes Incorporated


PI6CG18200 Product details

Features
- 1.8V supply voltage
- Crystal/CMOS input: 25 MHz
- 2 differential low power HCSL outputs
- Individual output enable
- Reference CMOS output
- Programmable Slew rate and output amplitude for each output
- Differential outputs blocked until PLL is locked
- Selectable 0%, -0.25% or -0.5% spread on differential outputs
- Strapping pins or SMBus for configuration;
- 3.3V tolerant SMBus interface support
- Very low jitter outputs
- Differential cycle-to-cycle jitter <50ps
- Differential output-to-output skew <50ps
- PCIe Gen1/Gen2/Gen3/Gen4 compliant
- CMOS REFOUT phase jitter is < 1.5ps RMS
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control




Similar Part No. - PI6CG18200

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CG182Q DIODES-PI6CG182Q Datasheet
1Mb / 19P
2-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG182Q2ZDQEX DIODES-PI6CG182Q2ZDQEX Datasheet
1Mb / 19P
2-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
More results


Similar Description - PI6CG18200

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_16 Datasheet
224Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_16 Datasheet
230Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN1/2/3 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_16 Datasheet
224Kb / 15P
4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_17 Datasheet
290Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0441 IDT-9FGV0441_17 Datasheet
294Kb / 16P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com