Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CG182Q Datasheet (PDF) - Diodes Incorporated

PI6CG182Q Datasheet PDF - Diodes Incorporated
Part # PI6CG182Q
Download  PI6CG182Q Download
File Size   1572.6 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2-Output PCIe Gen 4 Clock Generator for Automotive Applications

PI6CG182Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CG182Q Datasheet PDF - Diodes Incorporated

Part # PI6CG182Q
Download  PI6CG182Q Click to download

File Size   1572.6 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2-Output PCIe Gen 4 Clock Generator for Automotive Applications

PI6CG182Q Datasheet (HTML) - Diodes Incorporated


PI6CG182Q Product details

Features
- 1.8V supply voltage
- Crystal/CMOS input: 25 MHz
- 2 differential low power HCSL outputs with on-chip
termination
- Individual output enable
- Reference CMOS output
- Programmable Slew rate and output amplitude for each output
- Differential outputs blocked until PLL is locked
- Selectable 0%, -0.25% or -0.5% spread on differential outputs
- Strapping pins or SMBus for configuration;
- 3.3V tolerant SMBus interface support
- Very low jitter outputs
- Differential cycle-to-cycle jitter <50ps
- Differential output-to-output skew <50ps
- PCIe Gen1/Gen2/Gen3/Gen4 compliant
- CMOS REFOUT phase jitter is < 1.5ps RMS
- AEC-Q 100 qualified, Automotive Grade 2 support
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control




Similar Part No. - PI6CG182Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CG18200 DIODES-PI6CG18200 Datasheet
1Mb / 18P
Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
PI6CG18200ZDIEX DIODES-PI6CG18200ZDIEX Datasheet
1Mb / 18P
Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
PI6CG18200ZDIEX-13R DIODES-PI6CG18200ZDIEX-13R Datasheet
1Mb / 18P
Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
More results


Similar Description - PI6CG182Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
PCIe Gen 2 Networking Clock Generator
PI6C49004A PERICOM-PI6C49004A Datasheet
730Kb / 13P
PCIe Gen 2 Networking Clock Generator
PI6CFGL401B PERICOM-PI6CFGL401B Datasheet
1Mb / 14P
4-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Diodes Incorporated
PI6CB184Q DIODES-PI6CB184Q Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
PI6CG184Q DIODES-PI6CG184Q Datasheet
1Mb / 18P
4-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG188Q DIODES-PI6CG188Q Datasheet
1Mb / 19P
8-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 January 2019
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com