Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB184Q Datasheet (PDF) - Diodes Incorporated

PI6CB184Q Datasheet PDF - Diodes Incorporated
Part # PI6CB184Q
Download  PI6CB184Q Download
File Size   889.31 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4-Output PCIe Gen 4 Clock Buffer for Automotive Applications

PI6CB184Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CB184Q Datasheet PDF - Diodes Incorporated

Part # PI6CB184Q
Download  PI6CB184Q Click to download

File Size   889.31 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4-Output PCIe Gen 4 Clock Buffer for Automotive Applications

PI6CB184Q Datasheet (HTML) - Diodes Incorporated


PI6CB184Q Product details

Features
- 1.8V Supply Voltage
- HCSL Input: 100MHz, also support 50MHz or 125MHz via
SMBus
- 4 Differential Low Power HCSL Outputs with on-chip
Termination
- Individual Output Enable
- Programmable Slew Rate and Output Amplitude for each
output
- Differential Outputs blocked until PLL is locked
- Strapping pins or SMBus for configuration
- 3.3V Tolerant SMBus Interface Support
- Very Low Jitter Outputs
- Differential cycle-to-cycle jitter <50ps (Grade 2)
- Differential output-to-output skew <50ps
- PCIe® Gen 1/Gen 2/Gen 3/Gen 4 compliant
- AEC-Q100 qualified, supports Automotive Grade 2 and 1
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The DIODES™ PI6CB184Q is suitable for automotive
applications requiring specific change control; this part is
AEC-Q100 qualified, PPAP capable, and manufactured in
IATF 16949 certified facilities.




Similar Part No. - PI6CB184Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB18601 DIODES-PI6CB18601 Datasheet
1Mb / 17P
Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
June 2020
PI6CB18601ZLAIEX-13R DIODES-PI6CB18601ZLAIEX-13R Datasheet
1Mb / 17P
Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
June 2020
More results


Similar Description - PI6CB184Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CDBL402B PERICOM-PI6CDBL402B Datasheet
934Kb / 13P
4 -Output Low Power PCIE GEN 1-2-3 Buffer
logo
Texas Instruments
CDCDB2000 TI1-CDCDB2000 Datasheet
556Kb / 33P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB800 TI-CDCDB800 Datasheet
1Mb / 31P
CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB400 TI-CDCDB400 Datasheet
2Mb / 33P
CDCDB400 DB800ZL-Compliant 4-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS833 ??NOVEMBER 2021
CDCDB803 TI-CDCDB803 Datasheet
1Mb / 31P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS820 ??AUGUST 2021
logo
Diodes Incorporated
PI6CG182Q DIODES-PI6CG182Q Datasheet
1Mb / 19P
2-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG184Q DIODES-PI6CG184Q Datasheet
1Mb / 18P
4-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG188Q DIODES-PI6CG188Q Datasheet
1Mb / 19P
8-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 January 2019
logo
Renesas Technology Corp
9FGV0441 RENESAS-9FGV0441 Datasheet
688Kb / 17P
4-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
JUNE 6, 2019
logo
Texas Instruments
CDCDB803 TI1-CDCDB803_V01 Datasheet
1Mb / 34P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6
REVISED MAY 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com