Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB18601 Datasheet (PDF) - Diodes Incorporated

PI6CB18601 Datasheet PDF - Diodes Incorporated
Part # PI6CB18601
Download  PI6CB18601 Download
File Size   1410.26 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination

PI6CB18601 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CB18601 Datasheet PDF - Diodes Incorporated

Part # PI6CB18601
Download  PI6CB18601 Click to download

File Size   1410.26 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination

PI6CB18601 Datasheet (HTML) - Diodes Incorporated


PI6CB18601 Product details

Features
ÎÎ1.8V supply voltage
ÎÎHCSL input: 100MHz, also support 50MHz or 125MHz via
SMBus
ÎÎ6 differential low power HCSL outputs with on-chip
termination
ÎÎIndividual output enable
ÎÎProgrammable Slew rate and output amplitude for each output
ÎÎDifferential outputs blocked until PLL is locked
ÎÎStrapping pins or SMBus for configuration;
ÎÎ3.3V tolerant SMBus interface support
ÎÎVery low jitter outputs
ßßDifferential cycle-to-cycle jitter <50ps
ßßDifferential output-to-output skew <50ps
ßßPCIe Gen1/Gen2/Gen3/Gen4 compliant
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎFor automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
ÎÎPackaging (Pb-free & Green): 40-lead 5×5mm TQFN

Description
The PI6CB18601 is an 6-output very low power PCIe Gen1/Gen2/
Gen3/Gen4 clock buffer. It takes an reference input to fanout
eight 100MHz low power differential HCSL outputs with on-chip
terminations. The on-chip termination can save 24 external resistors
and make layout easier. Individual OE pin for each output provides
easier power management.
It uses Diodes proprietary PLL design to achieve very low jitter
that meets PCIe Gen1/Gen2/Gen3/Gen4 requirements. Other
than PCIe 100MHz support, this device also support Ethernet application
with 50MHz or 125MHz via SMBus. It provides various
options such as different slew rate and amplitude through strapping
pins or SMBUS so that users can configure the device easily
to get the optimized performance for their individual boards.




Similar Part No. - PI6CB18601

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CB184Q DIODES-PI6CB184Q Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
PI6CB184Q1ZHQEX DIODES-PI6CB184Q1ZHQEX Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
PI6CB184Q2ZHQEX DIODES-PI6CB184Q2ZHQEX Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
More results


Similar Description - PI6CB18601

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CG33402C DIODES-PI6CG33402C Datasheet
1Mb / 24P
3.3V Very-Low Power 4-Output PCIe Clock Generator With On-chip Termination
January 2020
PI6CBF18501 DIODES-PI6CBF18501 Datasheet
1Mb / 17P
Very Low Power 5-Output PCIe Fanout Buffer With On-chip Termination
October 2020
PI6CG15401 DIODES-PI6CG15401 Datasheet
1Mb / 18P
Ultra Low Power 4-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2022
PI6CG18200 DIODES-PI6CG18200 Datasheet
1Mb / 18P
Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
PI6CG33201C DIODES-PI6CG33201C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33202C DIODES-PI6CG33202C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33401C DIODES-PI6CG33401C Datasheet
1Mb / 24P
3.3V Very-Low-Power 4-Output PCIe Clock Generator With On-Chip Termination
Rev 3 - 2 January 2020
PI6CG33801C DIODES-PI6CG33801C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33802C DIODES-PI6CG33802C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-Chip Termination
January 2020
logo
Renesas Technology Corp
6P41282 RENESAS-6P41282 Datasheet
633Kb / 15P
6-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo=100Ω
Mar 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com