Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CG33202C Datasheet (PDF) - Diodes Incorporated

PI6CG33202C Datasheet PDF - Diodes Incorporated
Part # PI6CG33202C
Download  PI6CG33202C Download
File Size   1942.73 Kbytes
Page   24 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination

PI6CG33202C Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CG33202C Datasheet PDF - Diodes Incorporated

Part # PI6CG33202C
Download  PI6CG33202C Click to download

File Size   1942.73 Kbytes
Page   24 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination

PI6CG33202C Datasheet (HTML) - Diodes Incorporated


PI6CG33202C Product details

Features
- 3.3V Supply Voltage
- Crystal/CMOS input: 25 MHz
- 2 Differential low power HCSL outputs with on-chip
termination
- Default ZOUT = 85Ω
- Individual output enable
- Reference CMOS output
- Programmable slew rate and output amplitude for each output
- Differential outputs blocked until PLL is locked
- Selectable 0%, -0.25% or -0.5% spread on differential outputs
- Strapping pins or SMBus for configuration
- Differential Output-To-Output Skew <50ps
- Very-Low Jitter Outputs
- Differential Cycle-To-Cycle Jitter <50ps
- PCIe Gen1/Gen2/Gen3/Gen4/Gen5 Compliant
- CMOS REFOUT Phase Jitter
• < 0.3ps RMS, SSC off
• <1.5ps RMS, SSC on
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control




Similar Part No. - PI6CG33202C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CG33202 DIODES-PI6CG33202 Datasheet
796Kb / 2P
19-Output PCIe 5.0 Clock Generator for Server and Data-Center Applications
More results


Similar Description - PI6CG33202C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL02 IDT-9FGL02_16 Datasheet
370Kb / 19P
2-output 3.3V PCIe Clock Generator
9FGV0231 IDT-9FGV0231_16 Datasheet
224Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_16 Datasheet
230Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN1/2/3 CLOCK GENERATOR
logo
Diodes Incorporated
PI6CG33402C DIODES-PI6CG33402C Datasheet
1Mb / 24P
3.3V Very-Low Power 4-Output PCIe Clock Generator With On-chip Termination
January 2020
PI6CG15401 DIODES-PI6CG15401 Datasheet
1Mb / 18P
Ultra Low Power 4-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2022
PI6CG18200 DIODES-PI6CG18200 Datasheet
1Mb / 18P
Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
PI6CG33201C DIODES-PI6CG33201C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33401C DIODES-PI6CG33401C Datasheet
1Mb / 24P
3.3V Very-Low-Power 4-Output PCIe Clock Generator With On-Chip Termination
Rev 3 - 2 January 2020
PI6CG33801C DIODES-PI6CG33801C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33802C DIODES-PI6CG33802C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-Chip Termination
January 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com