Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CG33802C Datasheet (PDF) - Diodes Incorporated

PI6CG33802C Datasheet PDF - Diodes Incorporated
Part # PI6CG33802C
Download  PI6CG33802C Download
File Size   1996.77 Kbytes
Page   24 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V Very Low Power 8-Output PCIe Clock Generator With On-Chip Termination

PI6CG33802C Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CG33802C Datasheet PDF - Diodes Incorporated

Part # PI6CG33802C
Download  PI6CG33802C Click to download

File Size   1996.77 Kbytes
Page   24 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V Very Low Power 8-Output PCIe Clock Generator With On-Chip Termination

PI6CG33802C Datasheet (HTML) - Diodes Incorporated


PI6CG33802C Product details

Features
ÎÎ3.3V Supply Voltage
ÎÎCrystal/CMOS Input: 25 MHz
ÎÎEight Differential Low-Power HCSL Outputs with On-Chip
Termination
ÎÎDefault ZOUT = 85Ω
ÎÎIndividual Output Enable
ÎÎReference CMOS Output
ÎÎProgrammable Slew Rate and Output Amplitude for Each
Output
ÎÎDifferential Outputs Blocked Until PLL is Locked
ÎÎSelectable 0%, -0.25%, or -0.5% Spread on Differential
Outputs
ÎÎStrapping Pins or SMBus for Configuration
ÎÎDifferential Output-To-Output Skew <60ps
ÎÎVery-Low Jitter Outputs
àà Differential Cycle-To-Cycle Jitter <50ps
àà PCIe Gen1/Gen2/Gen3/Gen4/Gen5 Compliant
àà CMOS REFOUT Phase Jitter
• < 0.3ps RMS, SSC off
• <1.5ps RMS, SSC on
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎFor automotive applications requiring specific change control




Similar Part No. - PI6CG33802C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CG33802 DIODES-PI6CG33802 Datasheet
796Kb / 2P
19-Output PCIe 5.0 Clock Generator for Server and Data-Center Applications
More results


Similar Description - PI6CG33802C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL08 IDT-9FGL08_16 Datasheet
402Kb / 19P
8-output 3.3V PCIe Clock Generator
logo
Renesas Technology Corp
9FGV0841 RENESAS-9FGV0841 Datasheet
1,014Kb / 22P
8-Output Very Low-Power PCIe Gen1?? Clock Generator with Zo = 100ohms
June 6, 2019
logo
Diodes Incorporated
PI6CG33402C DIODES-PI6CG33402C Datasheet
1Mb / 24P
3.3V Very-Low Power 4-Output PCIe Clock Generator With On-chip Termination
January 2020
PI6CBF18501 DIODES-PI6CBF18501 Datasheet
1Mb / 17P
Very Low Power 5-Output PCIe Fanout Buffer With On-chip Termination
October 2020
PI6CG15401 DIODES-PI6CG15401 Datasheet
1Mb / 18P
Ultra Low Power 4-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2022
PI6CG18200 DIODES-PI6CG18200 Datasheet
1Mb / 18P
Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
PI6CG33201C DIODES-PI6CG33201C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33202C DIODES-PI6CG33202C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33401C DIODES-PI6CG33401C Datasheet
1Mb / 24P
3.3V Very-Low-Power 4-Output PCIe Clock Generator With On-Chip Termination
Rev 3 - 2 January 2020
PI6CG33801C DIODES-PI6CG33801C Datasheet
1Mb / 24P
3.3V Very Low Power 8-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com