Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CB18601 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI6CB18601
Description  Very Low Power 6-Output PCIe Clock Buffer With On-chip Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB18601 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI6CB18601 Datasheet HTML 1Page - Diodes Incorporated PI6CB18601 Datasheet HTML 2Page - Diodes Incorporated PI6CB18601 Datasheet HTML 3Page - Diodes Incorporated PI6CB18601 Datasheet HTML 4Page - Diodes Incorporated PI6CB18601 Datasheet HTML 5Page - Diodes Incorporated PI6CB18601 Datasheet HTML 6Page - Diodes Incorporated PI6CB18601 Datasheet HTML 7Page - Diodes Incorporated PI6CB18601 Datasheet HTML 8Page - Diodes Incorporated PI6CB18601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
A product Line of
Diodes Incorporated
PI6CB18601
www.diodes.com
June 2020
Diodes Incorporated
PI6CB18601
Document Number DS40505 Rev 3-2
Pin Description
Pin Number Pin Name
Type
Description
1
SADR_TRI
Input
Tri-level Latch to select SMBus Address. This pin has an internal pull-down
2
BW_SEL_TRI
Input
Tri-level Latch to select low loop bandwidth, bypass PLL, and high loop band-
width. This pin has both internal pull-up and pull-down
3
NC
Internal connected for feedback loop. Do not connect this pin
4
NC
Internal connected for feedback loop. Do not connect this pin
5
VDD_R
Power
Power supply for input differential buffers
6
IN+
Input
Differential true clock input
7
IN-
Input
Differential complementary clock input
8
GND_DIG
Power
Ground for digital circuitry
9
SCLK
Input
CMOS SMBUS clock input, 3.3V tolerant
10
SDATA
Input/
Output
CMOS SMBUS Data line, 3.3V tolerant
11
VDD_DIG
Power
Power supply for digital circuitry, nominal 1.8V
12, 17, 26,
32, 39
VDDO
Power
Power supply for differential outputs
13
OE0#
Input
CMOS
Active low input for enabling Q0 pair. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
14
Q0+
Output
HCSL Differential true clock output
15
Q0-
Output
HCSL Differential complementary clock output
16, 31
VDD
Power
Power supply, nominal 1.8V
Pin Configuration
1
2
10
9
8
7
6
5
4
3
18
17
16
15
14
13
12
11
30
29
21
22
23
24
25
26
27
28
33
34
35
36
37
38
39
40
Q2-
OE1#
NC
VDDA
VDDO
Q3+
Q3-
OE3#
SADR_TRI
BW_SEL_TRI
SCLK
GND_DIG
IN-
IN+
VDD_R
NC
NC
SDATA
20
19
31
32
OE2#
Q2+
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com